Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F062 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # C8051F062
Description  Mixed Signal ISP Flash MCU Family
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F062 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button C8051F062 Datasheet HTML 9Page - Silicon Laboratories C8051F062 Datasheet HTML 10Page - Silicon Laboratories C8051F062 Datasheet HTML 11Page - Silicon Laboratories C8051F062 Datasheet HTML 12Page - Silicon Laboratories C8051F062 Datasheet HTML 13Page - Silicon Laboratories C8051F062 Datasheet HTML 14Page - Silicon Laboratories C8051F062 Datasheet HTML 15Page - Silicon Laboratories C8051F062 Datasheet HTML 16Page - Silicon Laboratories C8051F062 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 328 page
background image
C8051F060/1/2/3/4/5/6/7
Rev. 1.2
13
Figure 18.5. XBR0: Port I/O Crossbar Register 0................................................... 210
Figure 18.6. XBR1: Port I/O Crossbar Register 1................................................... 211
Figure 18.7. XBR2: Port I/O Crossbar Register 2................................................... 212
Figure 18.8. XBR3: Port I/O Crossbar Register 3................................................... 213
Figure 18.9. P0: Port0 Data Register ..................................................................... 214
Figure 18.10. P0MDOUT: Port0 Output Mode Register ......................................... 214
Figure 18.11. P1: Port1 Data Register ................................................................... 215
Figure 18.12. P1MDIN: Port1 Input Mode Register................................................ 215
Figure 18.13. P1MDOUT: Port1 Output Mode Register ......................................... 216
Figure 18.14. P2: Port2 Data Register ................................................................... 216
Figure 18.15. P2MDIN: Port2 Input Mode Register................................................ 217
Figure 18.16. P2MDOUT: Port2 Output Mode Register ......................................... 217
Figure 18.17. P3: Port3 Data Register ................................................................... 218
Figure 18.18. P3MDOUT: Port3 Output Mode Register ......................................... 218
Figure 18.19. P4: Port4 Data Register ................................................................... 221
Figure 18.20. P4MDOUT: Port4 Output Mode Register ......................................... 221
Figure 18.21. P5: Port5 Data Register ................................................................... 222
Figure 18.22. P5MDOUT: Port5 Output Mode Register ......................................... 222
Figure 18.23. P6: Port6 Data Register ................................................................... 223
Figure 18.24. P6MDOUT: Port6 Output Mode Register ......................................... 223
Figure 18.25. P7: Port7 Data Register ................................................................... 224
Figure 18.26. P7MDOUT: Port7 Output Mode Register ......................................... 224
19. Controller Area Network (CAN0, C8051F060/1/2/3) ........................................... 225
Figure 19.1. CAN Controller Diagram..................................................................... 226
Figure 19.2. Typical CAN Bus Configuration.......................................................... 226
Figure 19.3. CAN0DATH: CAN Data Access Register High Byte .......................... 231
Figure 19.4. CAN0DATL: CAN Data Access Register Low Byte............................ 231
Figure 19.5. CAN0ADR: CAN Address Index Register .......................................... 232
Figure 19.6. CAN0CN: CAN Control Register ........................................................ 232
Figure 19.7. CAN0TST: CAN Test Register ........................................................... 233
Figure 19.8. CAN0STA: CAN Status Register........................................................ 233
20. System Management BUS / I2C BUS (SMBUS0)................................................ 235
Figure 20.1. SMBus0 Block Diagram ..................................................................... 235
Figure 20.2. Typical SMBus Configuration ............................................................. 236
Figure 20.3. SMBus Transaction ............................................................................ 237
Figure 20.4. Typical Master Transmitter Sequence................................................ 238
Figure 20.5. Typical Master Receiver Sequence.................................................... 238
Figure 20.6. Typical Slave Transmitter Sequence.................................................. 239
Figure 20.7. Typical Slave Receiver Sequence...................................................... 240
Figure 20.8. SMB0CN: SMBus0 Control Register.................................................. 243
Figure 20.9. SMB0CR: SMBus0 Clock Rate Register............................................ 244
Figure 20.10. SMB0DAT: SMBus0 Data Register.................................................. 245
Figure 20.11. SMB0ADR: SMBus0 Address Register............................................ 246
Figure 20.12. SMB0STA: SMBus0 Status Register ............................................... 247
21. Enhanced Serial Peripheral Interface (SPI0)...................................................... 251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com