Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F062 Datasheet(PDF) 41 Page - Silicon Laboratories

Part # C8051F062
Description  Mixed Signal ISP Flash MCU Family
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F062 Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button C8051F062 Datasheet HTML 37Page - Silicon Laboratories C8051F062 Datasheet HTML 38Page - Silicon Laboratories C8051F062 Datasheet HTML 39Page - Silicon Laboratories C8051F062 Datasheet HTML 40Page - Silicon Laboratories C8051F062 Datasheet HTML 41Page - Silicon Laboratories C8051F062 Datasheet HTML 42Page - Silicon Laboratories C8051F062 Datasheet HTML 43Page - Silicon Laboratories C8051F062 Datasheet HTML 44Page - Silicon Laboratories C8051F062 Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 328 page
background image
C8051F060/1/2/3/4/5/6/7
Rev. 1.2
41
P0.5
57
46
57
46
D I/O Port 0.5. See Port Input/Output section for complete
description.
P0.6
56
45
56
45
D I/O Port 0.6. See Port Input/Output section for complete
description.
P0.7
55
44
55
44
D I/O Port 0.7. See Port Input/Output section for complete
description.
P1.0/AIN2.0
36
33
36
33
D I/O
A In
Port 1.0. See Port Input/Output section for complete
description.
ADC2 Input Channel 0 (C8051F060/1/2/3 Only).
P1.1/AIN2.1
35
32
35
32
D I/O
A In
Port 1.1. See Port Input/Output section for complete
description.
ADC2 Input Channel 1 (C8051F060/1/2/3 Only).
P1.2/AIN2.2
34
31
34
31
D I/O
A In
Port 1.2. See Port Input/Output section for complete
description.
ADC2 Input Channel 2 (C8051F060/1/2/3 Only).
P1.3/AIN2.3
33
30
33
30
D I/O
A In
Port 1.3. See Port Input/Output section for complete
description.
ADC2 Input Channel 3 (C8051F060/1/2/3 Only).
P1.4/AIN2.4
32
29
32
29
D I/O
A In
Port 1.4. See Port Input/Output section for complete
description.
ADC2 Input Channel 4 (C8051F060/1/2/3 Only).
P1.5/AIN2.5
31
28
31
28
D I/O
A In
Port 1.5. See Port Input/Output section for complete
description.
ADC2 Input Channel 5 (C8051F060/1/2/3 Only).
P1.6/AIN2.6
30
25
30
25
D I/O
A In
Port 1.6. See Port Input/Output section for complete
description.
ADC2 Input Channel 6 (C8051F060/1/2/3 Only).
P1.7/AIN2.7
29
24
29
24
D I/O
A In
Port 1.7. See Port Input/Output section for complete
description.
ADC2 Input Channel 7 (C8051F060/1/2/3 Only).
P2.0
46
43
46
43
D I/O Port 2.0. See Port Input/Output section for complete
description.
P2.1
45
42
45
42
D I/O Port 2.1. See Port Input/Output section for complete
description.
P2.2
44
41
44
41
D I/O Port 2.2. See Port Input/Output section for complete
description.
P2.3
43
38
43
38
D I/O Port 2.3. See Port Input/Output section for complete
description.
P2.4
42
37
42
37
D I/O Port 2.4. See Port Input/Output section for complete
description.
Table 4.1. Pin Definitions (Continued)
Name
Pin Numbers
Type Description
F060
F061
F064
F065
F062
F063
F066
F067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com