Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F062 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # C8051F062
Description  Mixed Signal ISP Flash MCU Family
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F062 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button C8051F062 Datasheet HTML 35Page - Silicon Laboratories C8051F062 Datasheet HTML 36Page - Silicon Laboratories C8051F062 Datasheet HTML 37Page - Silicon Laboratories C8051F062 Datasheet HTML 38Page - Silicon Laboratories C8051F062 Datasheet HTML 39Page - Silicon Laboratories C8051F062 Datasheet HTML 40Page - Silicon Laboratories C8051F062 Datasheet HTML 41Page - Silicon Laboratories C8051F062 Datasheet HTML 42Page - Silicon Laboratories C8051F062 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 328 page
background image
C8051F060/1/2/3/4/5/6/7
Rev. 1.2
39
4.
Pinout and Package Definitions
Table 4.1. Pin Definitions
Name
Pin Numbers
Type Description
F060
F061
F064
F065
F062
F063
F066
F067
VDD
37, 64,
90
26, 40,
55
37, 64,
90
26, 40,
55
Digital Supply Voltage. Must be tied to +2.7 to
+3.6 V.
DGND
38, 63,
89
27, 39,
54
38, 63,
89
27, 39,
54
Digital Ground. Must be tied to Ground.
AV+
11, 16,
24
7, 10,
18
11, 16,
24
7, 10,
18
Analog Supply Voltage. Must be tied to +2.7 to
+3.6 V.
AVDD
13
23
13
23
Analog Supply Voltage. Must be tied to +2.7 to
+3.6 V.
AGND
10, 14,
17, 23
6, 11,
19, 22
10, 14,
17, 23
6, 11,
19, 22
Analog Ground. Must be tied to Ground.
TMS
96
52
96
52
D In
JTAG Test Mode Select with internal pull-up.
TCK
97
53
97
53
D In
JTAG Test Clock with internal pull-up.
TDI
98
56
98
56
D In
JTAG Test Data Input with internal pull-up. TDI is
latched on the rising edge of TCK.
TDO
99
57
99
57
D Out JTAG Test Data Output with internal pull-up. Data is
shifted out on TDO on the falling edge of TCK. TDO
output is a tri-state driver.
/RST
100
58
100
58
D I/O Device Reset. Open-drain output of internal VDD
monitor. Is driven low when VDD is <2.7 V and
MONEN is high. An external source can initiate a
system reset by driving this pin low.
XTAL1
26
20
26
20
A In
Crystal Input. This pin is the return for the internal
oscillator circuit for a crystal or ceramic resonator.
For a precision internal clock, connect a crystal or
ceramic resonator from XTAL1 to XTAL2. If over-
driven by an external CMOS clock, this becomes
the system clock.
XTAL2
27
21
27
21
A Out Crystal Output. This pin is the excitation driver for a
crystal or ceramic resonator.
MONEN
28
63
28
63
D In
VDD Monitor Enable. When tied high, this pin
enables the internal VDD monitor, which forces a
system reset when VDD is < 2.7 V. When tied low,
the internal VDD monitor is disabled. Recom-
mended configuration is to connect directly to VDD.
VREF
4
61
4
61
A Out Bandgap Voltage Reference Output
VREF0
21
15
21
15
A I/O Bandgap Voltage Reference Output for ADC0.
ADC0 Voltage Reference Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com