Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT300 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # HT300
Description  GREEN HIGH FLUX LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HT300 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button HT300 Datasheet HTML 3Page - Seoul Semiconductor HT300 Datasheet HTML 4Page - Seoul Semiconductor HT300 Datasheet HTML 5Page - Seoul Semiconductor HT300 Datasheet HTML 6Page - Seoul Semiconductor HT300 Datasheet HTML 7Page - Seoul Semiconductor HT300 Datasheet HTML 8Page - Seoul Semiconductor HT300 Datasheet HTML 9Page - Seoul Semiconductor HT300 Datasheet HTML 10Page - Seoul Semiconductor HT300 Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
-7-
GREEN HIGH FLUX LED
HT300
<061201> Rev. 1.4
서식번호 : QP-7-03-05 (Rev.00)
Bin Code Description
6
2
F
Forward Voltage
Dominant
Wavelength
Luminous Flux
Bin Code
Available ranks
532
528
4
520
516
1
524
520
2
528
524
3
536
532
5
Max.
Min.
Bin
Code
Dominant Wavelength (nm)
@ I
F = 40mA
3.0
2.8
1
3.2
3.0
2
3.4
3.2
3
3.6
3.4
4
3.8
3.6
5
4.0
3.8
6
4.2
4.0
7
4.4
4.2
8
4.6
4.4
9
Max.
Min.
Bin
Code
Forward Voltage (V)
@ I
F = 40mA
13.0
10.0
L
10.0
7.6
K
7.6
5.8
J
5.8
4.4
H
4.4
3.4
G
3.4
2.6
F
2.6
2.0
E
0.7
0.5
A
1.4
1.0
C
2.0
1.4
D
1.0
0.7
B
Max.
Min.
Bin
Code
Flux (lm)
@ I
F = 40mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com