Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT300 Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # HT300
Description  GREEN HIGH FLUX LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HT300 Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button HT300 Datasheet HTML 3Page - Seoul Semiconductor HT300 Datasheet HTML 4Page - Seoul Semiconductor HT300 Datasheet HTML 5Page - Seoul Semiconductor HT300 Datasheet HTML 6Page - Seoul Semiconductor HT300 Datasheet HTML 7Page - Seoul Semiconductor HT300 Datasheet HTML 8Page - Seoul Semiconductor HT300 Datasheet HTML 9Page - Seoul Semiconductor HT300 Datasheet HTML 10Page - Seoul Semiconductor HT300 Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
-10-
GREEN HIGH FLUX LED
HT300
<061201> Rev. 1.4
서식번호 : QP-7-03-05 (Rev.00)
Precaution for Use
1) Storage
• Before opening the package
a. Avoid the absorption of moisture, we recommended to store High Flux LEDs in a dry
box(or desiccator) with a desiccant . Otherwise, store them in the following environment:
Temperature : 5℃~30℃ Humidity : 50% max.
b. The products should be used in 3 months. It is recommended that the LEDs be used as
soon as possible.
• After opening the package
a. Soldering should be done right after opening the package(within 24Hrs).
b. Keeping of a fraction
- Sealing
- Temperature : 5 ~ 40℃, Humidity : less than 30%
c. If the package has been opened more than 1week or the color of desiccant changes,
components should be dried for 10-12hr at 60±5℃
• Any mechanical force or any excess vibration shall not be accepted to apply during cooling
process to normal temp. after soldering.
• Avoid quick cooling
• Leadframes are silver plated copper alloy. The silver plate surface may be affected by
environments which contains corrosive substances. Please avoid conditions which may cause
the LEDs to corrode, tarnish or discolor.
2) Static Electricity
• Static Electricity and surge voltage damage the LEDs. So it is recommended that a wrist
band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com