Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT300 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # HT300
Description  GREEN HIGH FLUX LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HT300 Datasheet(HTML) 1 Page - Seoul Semiconductor

  HT300 Datasheet HTML 1Page - Seoul Semiconductor HT300 Datasheet HTML 2Page - Seoul Semiconductor HT300 Datasheet HTML 3Page - Seoul Semiconductor HT300 Datasheet HTML 4Page - Seoul Semiconductor HT300 Datasheet HTML 5Page - Seoul Semiconductor HT300 Datasheet HTML 6Page - Seoul Semiconductor HT300 Datasheet HTML 7Page - Seoul Semiconductor HT300 Datasheet HTML 8Page - Seoul Semiconductor HT300 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
-1-
GREEN HIGH FLUX LED
HT300
<061201> Rev. 1.4
서식번호 : QP-7-03-05 (Rev.00)
Technical Datasheet
This revolutionary package design allows the
lighting designer to reduce the number of
LEDs required and provide a more uniform
and unique illuminated appearance than with
other LED solutions.
This package LEDs are designed for high
current operation and high flux output
application. But the package’s design features
better thermal management characteristics
than other LED solutions. Because of these
advantages, this product have many
applications. Such as automotive tail, stop and
turn signal lamps, and electronic signs etc.
Features
• High flux output and high luminance
• Designed for high current operation
•Uniform color
• Low profile and low thermal resistance
• Packaged in tubes for use with
automatic insertion equipment
Application
• Automotive exterior lighting
• Electronic signs and signals
• Channel letter / lighting
• Decorative lighting
• Specialty Lighting


Similar Part No. - HT300

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HT300 SEOUL-HT300 Datasheet
576Kb / 14P
GREEN HIGH FLUX LED
logo
FLEXTRAL
HT300 FLEXTRAL-HT300 Datasheet
1Mb / 1P
HT300 High-Temp. Textile Cover 500 PSI Multi-Purpose Hose
V04.21
HT300-20 FLEXTRAL-HT300-20 Datasheet
1Mb / 1P
HT300 High-Temp. Textile Cover 500 PSI Multi-Purpose Hose
V04.21
HT300-24 FLEXTRAL-HT300-24 Datasheet
1Mb / 1P
HT300 High-Temp. Textile Cover 500 PSI Multi-Purpose Hose
V04.21
HT300-32 FLEXTRAL-HT300-32 Datasheet
1Mb / 1P
HT300 High-Temp. Textile Cover 500 PSI Multi-Purpose Hose
V04.21
More results

Similar Description - HT300

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HW321A SEOUL-HW321A Datasheet
448Kb / 12P
WHITE HIGH FLUX LED
HW331A SEOUL-HW331A Datasheet
448Kb / 12P
WHITE HIGH FLUX LED
HW941A SEOUL-HW941A Datasheet
451Kb / 12P
WHITE HIGH FLUX LED
HY310 SEOUL-HY310 Datasheet
473Kb / 10P
YELLOW HIGH FLUX LED
HY330 SEOUL-HY330 Datasheet
488Kb / 11P
YELLOW HIGH FLUX LED
HR310 SEOUL-HR310_1 Datasheet
540Kb / 14P
RED HIGH FLUX LED
HT300 SEOUL-HT300_1 Datasheet
576Kb / 14P
GREEN HIGH FLUX LED
HW321A SEOUL-HW321A_1 Datasheet
568Kb / 17P
WHITE HIGH FLUX LED
logo
RHOPOINT COMPONENTS
OTLH-0090-BU RHOPOINT-OTLH-0090-BU Datasheet
338Kb / 4P
HIGH FLUX LED ILLUMINATORS
logo
Elite Enterprises (H.K....
PG1C-3LXE-SD ELITE-PG1C-3LXE-SD Datasheet
1Mb / 17P
High Flux per LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com