Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 44Page - Microchip Technology PIC16F-E/P Datasheet HTML 45Page - Microchip Technology PIC16F-E/P Datasheet HTML 46Page - Microchip Technology PIC16F-E/P Datasheet HTML 47Page - Microchip Technology PIC16F-E/P Datasheet HTML 48Page - Microchip Technology PIC16F-E/P Datasheet HTML 49Page - Microchip Technology PIC16F-E/P Datasheet HTML 50Page - Microchip Technology PIC16F-E/P Datasheet HTML 51Page - Microchip Technology PIC16F-E/P Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 46
© 2007 Microchip Technology Inc.
6.3
Timer0 Prescaler
An 8-bit counter is available as a prescaler for the
Timer0 module, or as a postscaler for the Watchdog
Timer. A prescaler assignment for the Timer0 module
means that there is no postscaler for the Watchdog
Timer, and vice-versa.
The PSA and PS<2:0> bits (OPTION<3:0>) determine
the prescaler assignment and prescale ratio.
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g., CLRF 1, MOVWF 1,
BSF 1,
x....etc.
) will clear the prescaler. When
assigned to WDT, a CLRWDT instruction will clear the
prescaler along with the Watchdog Timer. The prescaler
is not readable or writable.
FIGURE 6-1:
BLOCK DIAGRAM OF THE TIMER0/WDT
T0CKI
T0SE
pin
FOSC/4
SYNC
2
Cycles
TMR0 Reg
8-to-1MUX
Watchdog
Timer
PSA
WDT
Time-out
PS<2:0>
8
.
PSA
WDT Enable bit
Data Bus
Set flag bit T0IF
on Overflow
8
PSA
Note:
T0SE, T0CS, PSA, PS<2:0> are bits in the Option Register.
T0CS
WDT Postscaler/
TMR0 Prescaler
1
0
1
0
1
0
1
0
TMR1 Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com