Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 96Page - Microchip Technology PIC16F-E/P Datasheet HTML 97Page - Microchip Technology PIC16F-E/P Datasheet HTML 98Page - Microchip Technology PIC16F-E/P Datasheet HTML 99Page - Microchip Technology PIC16F-E/P Datasheet HTML 100Page - Microchip Technology PIC16F-E/P Datasheet HTML 101Page - Microchip Technology PIC16F-E/P Datasheet HTML 102Page - Microchip Technology PIC16F-E/P Datasheet HTML 103Page - Microchip Technology PIC16F-E/P Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 98
© 2007 Microchip Technology Inc.
14.2.3
EXTERNAL CRYSTAL OSCILLATOR
CIRCUIT
Either a prepackaged oscillator can be used or a simple
oscillator
circuit
with
TTL
gates
can
be
built.
Prepackaged oscillators provide a wide operating
range and better stability. A well-designed crystal
oscillator will provide good performance with TTL
gates. Two types of crystal oscillator circuits can be
used; one with series resonance, or one with parallel
resonance.
Figure 14-2 shows implementation of a parallel
resonant oscillator circuit. The circuit is designed to
use the fundamental frequency of the crystal. The
74AS04 inverter performs the 180
° phase shift that a
parallel oscillator
requires. The
4.7 k
Ω resistor
provides the negative feedback for stability. The
10 k
Ω potentiometers bias the 74AS04 in the linear
region. This could be used for external oscillator
designs.
FIGURE 14-2:
EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
Figure 14-3 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental
frequency of the crystal. The inverter performs a 180
°
phase shift in a series resonant oscillator circuit. The
330 k
Ω resistors provide the negative feedback to bias
the inverters in their linear region.
FIGURE 14-3:
EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
14.2.4
PRECISION INTERNAL 4 MHZ
OSCILLATOR
The internal precision oscillator provides a fixed 4 MHz
(nominal) system clock at VDD = 5V and 25
°C. See
Section 17.0 “Electrical Specifications”, for informa-
tion on variation over voltage and temperature.
14.2.5
EXTERNAL CLOCK IN
For applications where a clock is already available
elsewhere, users may directly drive the PIC16F627A/
628A/648A provided that this external clock source meets
the AC/DC timing requirements listed in Section 17.6
“Timing Diagrams and Specifications”. Figure 14-4
below shows how an external clock circuit should be
configured.
FIGURE 14-4:
EXTERNAL CLOCK INPUT
OPERATION (EC, HS, XT
OR LP OSC
CONFIGURATION)
+5V
10K
4.7K
10K
74AS04
XTAL
10K
74AS04
PIC16F627A/628A/648A
CLKIN
To other
Devices
C1
C2
330 K
Ω
74AS04
74AS04
PIC16F627A/
CLKIN
To other
Devices
XTAL
330 K
Ω
74AS04
0.1 pF
628A/648A
Clock from
ext. system
PIC16F627A/628A/648A
RA6
RA7/OSC1/CLKIN
RA6/OSC2/CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com