Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 7Page - Microchip Technology PIC16F-E/P Datasheet HTML 8Page - Microchip Technology PIC16F-E/P Datasheet HTML 9Page - Microchip Technology PIC16F-E/P Datasheet HTML 10Page - Microchip Technology PIC16F-E/P Datasheet HTML 11Page - Microchip Technology PIC16F-E/P Datasheet HTML 12Page - Microchip Technology PIC16F-E/P Datasheet HTML 13Page - Microchip Technology PIC16F-E/P Datasheet HTML 14Page - Microchip Technology PIC16F-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 9
PIC16F627A/628A/648A
3.0
ARCHITECTURAL OVERVIEW
The high performance of the PIC16F627A/628A/648A
family can be attributed to a number of architectural
features commonly found in RISC microprocessors. To
begin with, the PIC16F627A/628A/648A uses a
Harvard architecture in which program and data are
accessed from separate memories using separate
busses. This improves bandwidth over traditional Von
Neumann architecture where program and data are
fetched from the same memory. Separating program
and data memory further allows instructions to be sized
differently than 8-bit wide data word. Instruction
opcodes are 14-bits wide making it possible to have all
single-word instructions. A 14-bit wide program mem-
ory access bus fetches a 14-bit instruction in a single
cycle. A two-stage pipeline overlaps fetch and execu-
tion of instructions. Consequently, all instructions (35)
execute in a single-cycle (200 ns @ 20 MHz) except for
program branches.
Table 3-1 lists device memory sizes (Flash, Data and
EEPROM).
TABLE 3-1:
DEVICE MEMORY LIST
The PIC16F627A/628A/648A can directly or indirectly
address its register files or data memory. All Special
Function Registers (SFR), including the program
counter, are mapped in the data memory. The
PIC16F627A/628A/648A have an orthogonal (symmet-
rical) instruction set that makes it possible to carry out
any operation, on any register, using any addressing
mode. This symmetrical nature and lack of ‘special
optimal situations’ makes programming with the
PIC16F627A/628A/648A
simple
yet
efficient.
In
addition, the learning curve is reduced significantly.
The PIC16F627A/628A/648A devices contain an 8-bit
ALU and working register. The ALU is a general
purpose arithmetic unit. It performs arithmetic and
Boolean functions between data in the working register
and any register file.
The ALU is 8-bits wide and capable of addition,
subtraction, shift and logical operations. Unless
otherwise mentioned, arithmetic operations are two’s
complement in nature. In two-operand instructions,
typically
one
operand
is
the
working
register
(W register). The other operand is a file register or an
immediate constant. In single operand instructions, the
operand is either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC), and
Zero (Z) bits in the Status Register. The C and DC bits
operate as Borrow and Digit Borrow out bits,
respectively, in subtraction. See the SUBLW and SUBWF
instructions for examples.
A simplified block diagram is shown in Figure 3-1, and
a description of the device pins in Table 3-2.
Two types of data memory are provided on the
PIC16F627A/628A/648A
devices.
Nonvolatile
EEPROM data memory is provided for long term
storage of data, such as calibration values, look-up
table data, and any other data which may require
periodic updating in the field. These data types are not
lost when power is removed. The other data memory
provided is regular RAM data memory. Regular RAM
data memory is provided for temporary storage of data
during normal operation. Data is lost when power is
removed.
Device
Memory
Flash
Program
RAM
Data
EEPROM
Data
PIC16F627A
1024 x 14
224 x 8
128 x 8
PIC16F628A
2048 x 14
224 x 8
128 x 8
PIC16F648A
4096 x 14
256 x 8
256 x 8
PIC16LF627A
1024 x 14
224 x 8
128 x 8
PIC16LF628A
2048 x 14
224 x 8
128 x 8
PIC16LF648A
4096 x 14
256 x 8
256 x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com