Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 115Page - Microchip Technology PIC16F-E/P Datasheet HTML 116Page - Microchip Technology PIC16F-E/P Datasheet HTML 117Page - Microchip Technology PIC16F-E/P Datasheet HTML 118Page - Microchip Technology PIC16F-E/P Datasheet HTML 119Page - Microchip Technology PIC16F-E/P Datasheet HTML 120Page - Microchip Technology PIC16F-E/P Datasheet HTML 121Page - Microchip Technology PIC16F-E/P Datasheet HTML 122Page - Microchip Technology PIC16F-E/P Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 117
PIC16F627A/628A/648A
15.2
Instruction Descriptions
ADDLW
Add Literal and W
Syntax:
[ label ] ADDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W) + k
→ (W)
Status Affected:
C, DC, Z
Encoding:
11
111x
kkkk
kkkk
Description:
The contents of the W register
are added to the eight bit literal
‘k’ and the result is placed in the
W register.
Words:
1
Cycles:
1
Example
ADDLW
0x15
Before Instruction
W = 0x10
After Instruction
W = 0x25
ADDWF
Add W and f
Syntax:
[ label ] ADDWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) + (f)
→ (dest)
Status Affected:
C, DC, Z
Encoding:
00
0111
dfff
ffff
Description:
Add the contents of the W
register with register ‘f’. If ‘d’ is
‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
Words:
1
Cycles:
1
Example
ADDWF
REG1, 0
Before Instruction
W= 0x17
REG1 = 0xC2
After Instruction
W= 0xD9
REG1 = 0xC2
Z= 0
C= 0
DC
= 0
ANDLW
AND Literal with W
Syntax:
[ label ] ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W) .AND. (k)
→ (W)
Status Affected:
Z
Encoding:
11
1001
kkkk
kkkk
Description:
The contents of W register are
AND’ed with the eight bit literal
‘k’. The result is placed in the W
register.
Words:
1
Cycles:
1
Example
ANDLW
0x5F
Before Instruction
W= 0xA3
After Instruction
W = 0x03
ANDWF
AND W with f
Syntax:
[ label ] ANDWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .AND. (f)
→ (dest)
Status Affected:
Z
Encoding:
00
0101
dfff
ffff
Description:
AND the W register with register
‘f’. If ‘d’ is ‘0’, the result is stored
in the W register. If ‘d’ is ‘1’, the
result is stored back in register
‘f’.
Words:
1
Cycles:
1
Example
ANDWF
REG1, 1
Before Instruction
W= 0x17
REG1 = 0xC2
After Instruction
W= 0x17
REG1 = 0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com