Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 134Page - Microchip Technology PIC16F-E/P Datasheet HTML 135Page - Microchip Technology PIC16F-E/P Datasheet HTML 136Page - Microchip Technology PIC16F-E/P Datasheet HTML 137Page - Microchip Technology PIC16F-E/P Datasheet HTML 138Page - Microchip Technology PIC16F-E/P Datasheet HTML 139Page - Microchip Technology PIC16F-E/P Datasheet HTML 140Page - Microchip Technology PIC16F-E/P Datasheet HTML 141Page - Microchip Technology PIC16F-E/P Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 136
© 2007 Microchip Technology Inc.
17.2
DC Characteristics: PIC16F627A/628A/648A (Industrial)
PIC16LF627A/628A/648A (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +85°C for industrial
Param
No.
LF and F Device
Characteristics
Min†
Typ
Max
Units
Conditions
VDD
Note
Supply Voltage (VDD)
D001
LF
2.0
—
5.5
V
—
LF/F
3.0
—
5.5
V
—
Power-down Base Current (IPD)
D020
LF
—
0.01
0.80
μA
2.0
WDT, BOR, Comparators, VREF and
T1OSC: disabled
LF/F
—
0.01
0.85
μA3.0
—0.02
2.7
μA5.0
Peripheral Module Current (
ΔIMOD)(1)
D021
LF
—
1
2.0
μA
2.0
WDT Current
LF/F
—
2
3.4
μA3.0
—9
17.0
μA5.0
D022
LF/F
—
29
52
μA
4.5
BOR Current
—30
55
μA5.0
D023
LF
—
15
22
μA
2.0
Comparator Current
(Both comparators enabled)
LF/F
—
22
37
μA3.0
—44
68
μA5.0
D024
LF
—
34
55
μA2.0
VREF Current
LF/F
—
50
75
μA3.0
—80
110
μA5.0
D025
LF
—
1.2
2.0
μA2.0
T1OSC Current
LF/F
—
1.3
2.2
μA3.0
—1.8
2.9
μA5.0
Supply Current (IDD)
D010
LF
—
10
15
μA2.0
FOSC = 32 kHz
LP Oscillator Mode
LF/F
—
15
25
μA3.0
—28
48
μA5.0
D011
LF
—
125
190
μA2.0
FOSC = 1 MHz
XT Oscillator Mode
LF/F
—
175
340
μA3.0
—
320
520
μA5.0
D012
LF
—
250
350
μA2.0
FOSC = 4 MHz
XT Oscillator Mode
LF/F
—
450
600
μA3.0
—
710
995
μA5.0
D012A
LF
—
395
465
μA2.0
FOSC = 4 MHz
INTOSC
LF/F
—
565
785
μA3.0
—
0.895
1.3
mA
5.0
D013
LF/F
—
2.5
2.9
mA
4.5
FOSC = 20 MHz
HS Oscillator Mode
—2.75
3.3
mA
5.0
Note 1:
The “
Δ” current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement. Max values should be used when calculating total current
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com