Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/P Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 154Page - Microchip Technology PIC16F-E/P Datasheet HTML 155Page - Microchip Technology PIC16F-E/P Datasheet HTML 156Page - Microchip Technology PIC16F-E/P Datasheet HTML 157Page - Microchip Technology PIC16F-E/P Datasheet HTML 158Page - Microchip Technology PIC16F-E/P Datasheet HTML 159Page - Microchip Technology PIC16F-E/P Datasheet HTML 160Page - Microchip Technology PIC16F-E/P Datasheet HTML 161Page - Microchip Technology PIC16F-E/P Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 156
© 2007 Microchip Technology Inc.
FIGURE 18-14:
INTERNAL OSCILLATOR IDD vs. VDD – 4 MHz MODE
FIGURE 18-15:
TYPICAL INTERNAL OSCILLATOR FREQUENCY vs. VDD AT 25°C – SLOW
MODE
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
2
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
85 C
25 C Avg
-40 C
30
35
40
45
50
55
60
2
2.5
3
3.5
4
4.5
5
5.5
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com