Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F519-I/MS Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC12F519-I/MS
Description  8-Pin, 8-Bit Flash Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-I/MS Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC12F519-I/MS Datasheet HTML 35Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 36Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 37Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 38Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 39Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 40Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 41Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 42Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41319A-page 37
PIC12F519
8.2
Oscillator Configurations
8.2.1
OSCILLATOR TYPES
The PIC12F519 device can be operated in up to four
different oscillator modes. The user can program using
the Configuration bits (FOSC<1:0>), to select one of
these modes:
• LP:
Low-Power Crystal
• XT:
Crystal/Resonator
• INTRC: Internal 4 MHz or 8 MHz Oscillator
• EXTRC: External Resistor/Capacitor
8.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In XT or LP modes, a crystal or ceramic resonator is
connected to the (RB5)/OSC1/(CLKIN) and (RB4)/OSC2
pins to establish oscillation (Figure 8-1). The PIC12F519
oscillator designs require the use of a parallel cut crystal.
Use of a series cut crystal may give a frequency out of the
crystal manufacturers specifications. When in XT or LP
modes, the device can have an external clock source
drive the (RB5)/OSC1/CLKIN pin (Figure 8-2). When the
part is used in this fashion, the output drive levels on the
OSC2 pin are very weak. This pin should be left open and
unloaded. Also when using this mode, the external clock
should observe the frequency limits for the clock mode
chosen (XT or LP).
FIGURE 8-1:
CRYSTAL OPERATION
(OR CERAMIC
RESONATOR)
(XT OR LP OSC
CONFIGURATION)
FIGURE 8-2:
EXTERNAL CLOCK INPUT
OPERATION (XT OR LP
OSC CONFIGURATION)
TABLE 8-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
TABLE 8-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR –
PIC12F519(2)
Note 1: The user should verify that the device
oscillator
starts
and
performs
as
expected. Adjusting the loading capacitor
values and/or the Oscillator mode may
be required.
Note 1:
See Capacitor Selection tables for
recommended values of C1 and C2.
2:
A series resistor (RS) may be required for AT
strip cut crystals.
3:
RF approx. value = 10 M
Ω.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To internal
logic
RS(2)
PIC12F519
Osc
Type
Resonator
Freq.
Cap. Range
C1
Cap. Range
C2
XT
4.0 MHz
30 pF
30 pF
Note:
Component values shown are for design
guidance only. Since each resonator has
its own characteristics, the user should
consult the resonator manufacturer for
appropriate values of external compo-
nents.
Osc
Type
Resonator
Freq.
Cap.Range
C1
Cap. Range
C2
LP
32 kHz(1)
15 pF
15 pF
XT
200 kHz
1 MHz
4 MHz
47-68 pF
15 pF
15 pF
47-68 pF
15 pF
15 pF
Note 1: For VDD > 4.5V, C1 = C2
≈ 30 pF is
recommended.
2: Component values shown are for design
guidance only. Rs may be required to
avoid overdriving crystals with low drive
level specification. Since each crystal has
its own characteristics, the user should
consult the crystal manufacturer for
appropriate values of external compo-
nents.
Clock from
ext. system
OSC1
OSC2
Open
PIC12F519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com