Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F519-I/MS Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC12F519-I/MS
Description  8-Pin, 8-Bit Flash Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-I/MS Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC12F519-I/MS Datasheet HTML 69Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 70Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 71Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 72Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 73Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 74Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 75Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 76Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41319A-page 71
PIC12F519
TABLE 11-4:
DRT (DEVICE RESET TIMER PERIOD)
FIGURE 11-7:
TIMER0 CLOCK TIMINGS
TABLE 11-4:
TIMER0 CLOCK REQUIREMENTS
Oscillator Configuration
POR Reset
Subsequent Resets
IntRC and ExtRC
1 ms (typical)
10
μs (typical)
XT and LP
18 ms (typical)
18 ms (typical)
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in
Section TABLE 11-1: “DC CHARACTERISTICS: PIC12F519 (Industrial,
Extended)”
Param
No.
Sym
Characteristic
Min
Typ(1) Max Units
Conditions
40
Tt0H T0CKI High Pulse
Width
No Prescaler
0.5 TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
41
Tt0L
T0CKI Low Pulse
Width
No Prescaler
0.5 TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
42
Tt0P
T0CKI Period
20 or TCY + 40* N
—
—
ns
Whichever is greater.
N = Prescale Value
(1, 2, 4,..., 256)
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
T0CKI
40
41
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com