Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F519-I/MS Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC12F519-I/MS
Description  8-Pin, 8-Bit Flash Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-I/MS Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC12F519-I/MS Datasheet HTML 45Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 46Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 47Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 48Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 49Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 50Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 51Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 52Page - Microchip Technology PIC12F519-I/MS Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41319A-page 47
PIC12F519
8.9
Program Verification/Code
Protection
If the code protection bit has not been programmed, the
on-chip program memory can be read out for
verification purposes.
The first 64 locations and the last location (OSCCAL)
can be read, regardless of the code protection bit
setting.
The last memory location can be read regardless of the
code protection bit setting on the PIC12F519 device.
8.10
ID Locations
Four memory locations are designated as ID locations
where users can store checksum or other code
identification numbers. These locations are not
accessible during normal execution, but are readable
and writable during program/verify.
Use only the lower 4 bits of the ID locations and always
program the upper 8 bits as ‘0’s.
8.11
In-Circuit Serial Programming™
The PIC12F519 device can be serially programmed
while in the end application circuit. This is simply done
with two lines for clock and data, and three other lines for
power, ground and the programming voltage. This
allows users to manufacture boards with unprogrammed
PIC12F519 device and then program the PIC12F519
device just before shipping the product. This also allows
the most recent firmware, or a custom firmware, to be
programmed.
The PIC12F519 device is placed into a Program/Verify
mode by holding the RB1 and RB0 pins low while rais-
ing the MCLR (VPP) pin from VIL to VIHH (see program-
ming specification). The RB1 pin becomes the
programming clock, and the RB0 pin becomes the
programming data. Both RB1 and RB0 pins are Schmitt
Trigger inputs in this mode.
After Reset, a 6-bit command is then supplied to the
device. Depending on the command, 14 bits of program
data are then supplied to or from the device, depending
if the command was a Load or a Read. For complete
details of serial programming, please refer to the
“PIC12F519 Memory Programming Specification,”
(DS41316).
A typical In-Circuit Serial Programming connection is
shown in Figure 8-12.
FIGURE 8-12:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC12F519
VDD
VSS
MCLR/VPP
RB1
RB0
+5V
0V
VPP
CLK
Data I/O
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com