Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2000DM007 Datasheet(PDF) 13 Page - Seagate Technology LLC

Part # ST2000DM007
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM007 Datasheet(HTML) 13 Page - Seagate Technology LLC

Back Button ST2000DM007 Datasheet HTML 9Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 10Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 11Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 12Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 13Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 14Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 15Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 16Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 17Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
12
www.seagate.com
Drive Specifications
2.7
Start/stop times
Time-to-ready may be longer than normal if the drive power is removed without going through normal OS powerdown
procedures.
2.8
Power specifications
The drive receives DC power (+5V or +12V) through a native SATA power connector. Refer to Figure 1 on page 22.
2.8.1 Power consumption
Power requirements for the drives are listed in Table 2 and Table 3. Typical power measurements are based on an average
of drives tested, under nominal conditions, using 5.0V and 12.0V input voltage at 25°C ambient temperature.
• Spinup power
Spinup power is measured from the time of power-on to the time that the drive spindle reaches operating speed.
• Read/write power and current
Read/write power is measured with the heads on track, based on a 16-sector write followed by a 32-ms delay, then a
16-sector read followed by a 32-ms delay.
• Operating power and current
Operating power is measured using 40 percent random seeks, 40 percent read/write mode (1 write for each 10 reads)
and 20 percent drive idle mode.
• Idle mode power
Idle mode power is measured with the drive up to speed, with servo electronics active and with the heads in a random
track location.
•Standby mode
During Standby mode, the drive accepts commands, but the drive is not spinning, and the servo and read/write elec-
tronics are in power-down mode.
3-disk
(3TB models)
2-disk
(2TB models)
1-disk
(1TB models)
1-disk
(500GB models)
Power-on to ready (in seconds)
15 (typical)
17 (max)
10 (typical)
12 (max)
8.5 (typical)
10 (max)
Power-on to ready (typical)
<10
Standby to ready (in seconds)
15 (typical)
17 (max)
10 (typical)
12 (max)
8.5 (typical)
10 (max)
Ready to spindle stop (in seconds)
10 (typical)
11 (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com