Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2000DM007 Datasheet(PDF) 18 Page - Seagate Technology LLC

Part # ST2000DM007
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM007 Datasheet(HTML) 18 Page - Seagate Technology LLC

Back Button ST2000DM007 Datasheet HTML 14Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 15Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 16Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 17Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 18Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 19Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 20Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 21Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 22Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
17
www.seagate.com
Drive Specifications
2.10 Acoustics
Drive acoustics are measured as overall A-weighted acoustic sound power levels (no pure tones). All measurements are
consistent with ISO document 7779. Sound power measurements are taken under essentially free-field conditions over a
reflecting plane. For all tests, the drive is oriented with the cover facing upward.
*During periods of drive idle, some offline activity may occur according to the S.M.A.R.T. specification, which may increase acoustic and power to
operational levels.
2.10.1 Test for Prominent Discrete Tones (PDTs)
Seagate follows the ECMA-74 standards for measurement and identification of PDTs. An exception to this process is the
use of the absolute threshold of hearing. Seagate uses this threshold curve (originated in ISO 389-7) to discern tone
audibility and to compensate for the inaudible components of sound prior to computation of tone ratios according to
Annex D of the ECMA-74 standards.
2.11 Electromagnetic immunity
When properly installed in a representative host system, the drive operates without errors or degradation in performance
when subjected to the radio frequency (RF) environments defined in Table 5.
Note
For seek mode tests, the drive is placed in seek mode only.
The number of seeks per second is defined by the following equation:
(Number of seeks per second = 0.4 / (average latency + average access time
Table 4
Fluid Dynamic Bearing (FDB) motor acoustics
Idle*
Seek
3 Disks
(3TB, 2TB)
2.4 bels (typical)
2.6 bels (max)
2.6 bels (typical)
2.7 bels (max)
2 Disks
(2TB)
1 Disk
(1TB and 500GB)
2.2 bels (typical)
2.4 bels (max)
2.4 bels (typical)
2.5 bels (max)
Table 5
Radio frequency environments
Test
Description
Performance
level
Reference
standard
Electrostatic discharge
Contact, HCP, VCP: ± 4 kV; Air: ± 8 kV
B
EN61000-4-2: 95
Radiated RF immunity
80MHz to 1,000MHz, 3 V/m,
80% AM with 1kHz sine
900MHz, 3 V/m, 50% pulse modulation @ 200Hz
A
EN61000-4-3: 96
ENV50204: 95
Electrical fast transient
± 1 kV on AC mains, ± 0.5 kV on external I/O
B
EN61000-4-4: 95
Surge immunity
± 1 kV differential, ± 2 kV common,
AC mains
B
EN61000-4-5: 95
Conducted RF immunity
150kHz to 80MHz, 3 Vrms, 80% AM with 1kHz sine
A
EN61000-4-6: 97
Voltage dips, interrupts
0% open, 5 seconds
0% short, 5 seconds
40%, 0.10 seconds
70%, 0.01 seconds
C
C
C
B
EN61000-4-11: 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com