Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2000DM007 Datasheet(PDF) 24 Page - Seagate Technology LLC

Part # ST2000DM007
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM007 Datasheet(HTML) 24 Page - Seagate Technology LLC

Back Button ST2000DM007 Datasheet HTML 20Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 21Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 22Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 23Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 24Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 25Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 26Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 27Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 28Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
23
www.seagate.com
Configuring and Mounting the Drive
3.4
Drive mounting
Users can mount the drive in any orientation using four screws in the side-mounting holes or four screws in the bottom-
mounting holes. Refer to Figure 2 and Figure 3 for drive mounting dimensions. Follow these important mounting
precautions when mounting the drive:
• Allow a minimum clearance of 0.030 inches (0.76mm) around the entire perimeter of the drive for cooling.
• Use only 6-32 UNC mounting screws.
• The screws should be inserted no more than 0.120 inch (3.05mm) into the bottom or side mounting holes.
• Do not overtighten the mounting screws (maximum torque: 6 inch-lb).
Figure 2
Mounting dimensions (2/3-disk: 2TB to 3TB models)
Note
Drawings are for mounting hole reference only.
PCBA show in pictorial only and can vary based on specific customer configurations.
TOP OF LABEL
5
TYP
3X 6-32 UNC-2B
3 MINIMUM THREAD DEPTH
0.12 MAXIMUM FASTENER
PENETRATION BOTH SIDES
4X 6-32 UNC-2B
3 MINIMUM THREAD DEPTH
0.12 MAXIMUM FASTENER
PENETRATION
CL OF DRIVE
CL OF CONNECTOR
DATUM B
5.787 in max
146.99 mm
4.010 in max
101.85 mm
2x 1.625 ± .020 in
41.28 ± .51 mm
2x 1.750 in
44.45 mm
2x 0.125 in
3.18 mm
4.00 in
101.60 mm
1.638 in
41.61 mm
1.122 ± .020 in
30.99 ± .51 mm
0.138 in
3.51 mm
0.814 in
20.68 mm
1.028 in max
26.11 mm
3x 0.250 ± .010 in
6.35 ± .25 mm
BOTH SIDES
2x 3.750 in
95.25 mm
1.013 ± .050 in
25.73 ± 1.27 mm
0.680 ± .050 in
17.27 ± 1.27 mm
Temperature
Check Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com