Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPM749 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TPM749
Description  Microcontroller with TrackPoint microcode from IBM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TPM749 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TPM749 Datasheet HTML 5Page - NXP Semiconductors TPM749 Datasheet HTML 6Page - NXP Semiconductors TPM749 Datasheet HTML 7Page - NXP Semiconductors TPM749 Datasheet HTML 8Page - NXP Semiconductors TPM749 Datasheet HTML 9Page - NXP Semiconductors TPM749 Datasheet HTML 10Page - NXP Semiconductors TPM749 Datasheet HTML 11Page - NXP Semiconductors TPM749 Datasheet HTML 12Page - NXP Semiconductors TPM749 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
TPM749
Microcontroller with TrackPoint
™ microcode from IBM
1996 May 01
9
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C, VCC = 5V ±10%, VSS = 0V4, 8
12MHz CLOCK
VARIABLE CLOCK
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
Oscillator frequency:
3.5
12
MHz
External Clock (Figure 3)
tCHCX
High time
20
20
ns
tCLCX
Low time
20
20
ns
tCLCH
Rise time
20
20
ns
tCHCL
Fall time
20
20
ns
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has five characters. The first character is always
‘t’ (= time). The other characters, depending on their positions,
indicate the name of a signal or the logical status of that signal. The
designations are:
C – Clock
D – Input data
H – Logic level high
L – Logic level low
Q – Output data
T – Time
V – Valid
X – No longer a valid logic level
Z – Float
tCHCL
tCLCL
tCLCH
tCHCX
VCC –0.5
0.45V
0.2 VCC + 0.9
0.2 VCC – 0.1
tCLCX
SU00297
Figure 3. External Clock Drive
0.2 VCC + 0.9
0.2 VCC – 0.1
VCC –0.5
0.45V
SU00307
Figure 4. AC Testing Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com