Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPM749 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TPM749
Description  Microcontroller with TrackPoint microcode from IBM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TPM749 Datasheet(HTML) 2 Page - NXP Semiconductors

  TPM749 Datasheet HTML 1Page - NXP Semiconductors TPM749 Datasheet HTML 2Page - NXP Semiconductors TPM749 Datasheet HTML 3Page - NXP Semiconductors TPM749 Datasheet HTML 4Page - NXP Semiconductors TPM749 Datasheet HTML 5Page - NXP Semiconductors TPM749 Datasheet HTML 6Page - NXP Semiconductors TPM749 Datasheet HTML 7Page - NXP Semiconductors TPM749 Datasheet HTML 8Page - NXP Semiconductors TPM749 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
TPM749
Microcontroller with TrackPoint
™ microcode from IBM
2
1996 May 01
853-1831 16753
DESCRIPTION
The Philips Semiconductors TPM749 is a small package, low cost,
ROM-coded 80C51 with IBM
®’s TrackPoint™ pointing algorithms
and control code. TrackPoint is the result of years of human factors
research and innovation at IBM. The result is a “velocity sensitive”
pointing solution more efficient and easier to use than “position
sensitive” devices such as the mouse, the trackball, or the touchpad.
IBM has licensed Philips Semiconductors to sell microcontrollers
with TrackPoint code. By purchasing a TPM from Philips, the
purchaser becomes a sub-licensee of Philips. The selling price of
Philips’ TPM includes the royalties for IBM’s intellectual property,
which Philips in turn pays to IBM. Customers for TPMs do not need
to sign any licensing agreement with either IBM or Philips. This code
is the intellectual property of IBM, which is covered by numerous
patents, and must be treated accordingly.
The TPM is fabricated with Philips high-density CMOS technology.
Philips epitaxial substrate minimizes CMOS latch-up sensitivity.
The TPM contains a 2k
× 8 ROM, a 64 × 8 RAM, 21 I/O lines, a
16-bit auto-reload counter/timer, a fixed-priority level interrupt
structure, an on-chip oscillator, a five channel multiplexed 8-bit A/D
converter, and an 8-bit PWM output.
The TPM supports two power reduction modes of operation referred
to as the idle mode and the power-down mode.
FEATURES
• 80C51 based architecture
• Small package sizes
– 28-pin Shrink Small Outline Package (SSOP)
– 28-pin PLCC
• Low power consumption:
– Normal operation: less than 11mA @ 5V, 12MHz
– Idle mode
– Power-down mode
• 2k × 8 ROM
• 64 × 8 RAM
• 16-bit auto reloadable counter/timer
• 5-channel 8-bit A/D converter
• 8-bit PWM output/timer
• 10-bit fixed-rate timer
• CMOS and TTL compatible
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
14
13
15
16
17
18
19
20
21
22
23
24
P3.4/A4
P3.3/A3
P3.2/A2/A10
P3.1/A1/A9
P3.0/A0/A8
P0.2
RST
X2
X1
VSS
P0.0/ASEL
P1.4/ADC4/D4
AVSS
AVCC
P1.5/INT0/D5
P1.6/INT1/D6
P1.7/T0/D7
P0.3
P0.4/PWM OUT
P3.7/A7
P3.6/A6
P3.5/A5
VCC
SHRINK
SMALL
OUTLINE
PACKAGE
PLASTIC
LEADED
CHIP
CARRIER
4
1
26
5
11
25
19
12
18
P0.1/OE
25
26
27
28
P1.0/ADC0/D0
P1.1/ADC1/D1
P1.3/ADC3/D3
P1.2/ADC2/D2
Pin
Function
1
P3.4/A4
2
P3.3/A3
3
P3.2/A2/A10
4
P3.1/A1/A9
5
P3.0/A0/A8
6
P0.2
7
P0.1/OE
8
P0.0/ASEL
9
RST
10
X2
11
X1
12
VSS
13
P1.0/ADC0/D0
14
P1.1/ADC1/D1
Pin
Function
15
P1.2/ADC2/D2
16
P1.3/ADC3/D3
17
P1.4/ADC4/D4
18
AVSS
19
AVCC
20
P1.5/INT0/D5
21
P1.6/INT1/D6
22
P1.7/T0/D7
23
P0.3
24
P0.4/PWM OUT
25
P3.7/A7
26
P3.6/A6
27
P3.5/A5
28
VCC
SU00692A
ORDERING INFORMATION
ORDERING CODE
TEMPERATURE RANGE AND PACKAGE
DRAWING NUMBER
PTPM749 A
0 to +70
°C, Plastic Leaded Chip Carrier
SOT261-3
PTPM749 DB
0 to +70
°C, Shrink Small Ouline Package
SOT341-1
For compatible pointing device, contact:
COMPANY
CONTACT
TELEPHONE
Bokam Engineering
Ms. Jane Kamenster
(714)513-2200
CTS Corporation
Mr. Dave Poole
(219)589-7169
IBM is a registered trademark, and TrackPoint is a trademark of IBM Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com