Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPM749 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TPM749
Description  Microcontroller with TrackPoint microcode from IBM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TPM749 Datasheet(HTML) 3 Page - NXP Semiconductors

  TPM749 Datasheet HTML 1Page - NXP Semiconductors TPM749 Datasheet HTML 2Page - NXP Semiconductors TPM749 Datasheet HTML 3Page - NXP Semiconductors TPM749 Datasheet HTML 4Page - NXP Semiconductors TPM749 Datasheet HTML 5Page - NXP Semiconductors TPM749 Datasheet HTML 6Page - NXP Semiconductors TPM749 Datasheet HTML 7Page - NXP Semiconductors TPM749 Datasheet HTML 8Page - NXP Semiconductors TPM749 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
TPM749
Microcontroller with TrackPoint
™ microcode from IBM
1996 May 01
3
PIN DESCRIPTION
MNEMONIC
PIN NO.
TYPE
NAME AND FUNCTION
VSS
12
I
Circuit Ground Potential.
VCC
28
I
Supply voltage during normal, idle, and power-down operation.
P0.0–P0.4
8–6
23, 24
I/O
Port 0: Port 0 is a 5-bit bidirectional port. Port 0.0–P0.2 are open drain. Port 0.0–P0.2 pins that have
1s written to them float, and in that state can be used as high-impedance inputs. P0.3–P0.4 are
bidirectional I/O port pins with internal pull-ups. These pins are driven low if the port register bit is
written with a 0. The state of the pin can always be read from the port register by the program. Port 0.3
and 0.4 have internal pull-ups that function identically to port 3. Pins that have 1s written to them are
pulled high by the internal pull-ups and can be used as inputs.
While P0.0 anbd P0.1 differ from “standard TTL” characteristics, they are close enough for the pins to
still be used as general-purpose I/O.
6
I
VPP (P0.2) – Programming voltage input.
7
I
OE (P0.1) – Input which specifies verify mode (output enable).
OE = 1 output enabled (verify mode).
8
I
ASEL (P0.0) – Input which indicates which bits of the EPROM address are applied to port 3.
ASEL = 0 low address byte available on port 3.
ASEL = 1 high address byte available on port 3 (only the three least significant bits are used).
P1.0–P1.7
13–17,
20–22
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s written to
them are pulled high by the internal pull-ups and can be used as inputs. P0.3–P0.4 pins are
bidirectional I/O port pins with internal pull-ups. As inputs, port 1 pins that are externally pulled low will
source current because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Port 1 also
serves the special function features of the SC80C51 family as listed below:
20
I
INT0 (P1.5): External interrupt.
21
I
INT1 (P1.6): External interrupt.
22
I
T0 (P1.7): Timer 0 external input.
13–17
I
ADC0 (P1.0)–ADC4 (P1.4): Port 1 also functions as the inputs to the five channel multiplexed A/D
converter. These pins can be used as outputs only if the A/D function has been disabled. These pins
can be used as digital inputs while the A/D converter is enabled.
Port 1 serves to output the addressed EPROM contents in the verify mode and accepts as inputs the
value to program into the selected address during the program mode.
P3.0–P3.7
5–1,
27–25
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s written to
them are pulled high by the internal pull-ups and can be used as inputs. As inputs, port 3 pins that are
externally being pulled low will source current because of the pull-ups. (See DC Electrical
Characteristics: IIL). Port 3 also functions as the address input for the EPROM memory location to be
programmed (or verified). The 11-bit address is multiplexed into this port as specified by P0.0/ASEL.
RST
9
I
Reset: A high on this pin for two machine cycles while the oscillator is running resets the device. An
internal diffused resistor to VSS permits a power-on RESET using only an external capacitor to VCC.
After the device is reset, a 10-bit serial sequence, sent LSB first, applied to RESET, places the device
in the programming state allowing programming address, data and VPP to be applied for programming
or verification purposes. The RESET serial sequence must be synchronized with the X1 input.
X1
11
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator circuits. X1
also serves as the clock to strobe in a serial bit stream into RESET to place the device in the
programming state.
X2
10
O
Crystal 2: Output from the inverting oscillator amplifier.
AVCC 1
19
I
Analog supply voltage and reference input.
AVSS 1
18
I
Analog supply and reference ground.
NOTE:
1. AVSS (reference ground) must be connected to 0V (ground). AVCC (reference input) cannot differ from VCC by more than ±0.2V, and must be
in the range 4.5V to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com