Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 279Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 280Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 281Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 282Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 283Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 284Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 285Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 286Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 281
PIC18F2XK20/4XK20
FIGURE 21-2:
VOLTAGE REFERENCE OUTPUT BUFFER EXAMPLE
REGISTER 21-1:
CVRCON: COMPARATOR VOLTAGE REFERENCE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CVREN
CVROE(1)
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CVREN: Comparator Voltage Reference Enable bit
1
=CVREF circuit powered on
0
=CVREF circuit powered down
bit 6
CVROE: Comparator VREF Output Enable bit(1)
1
=CVREF voltage level is also output on the CVREF pin
0
=CVREF voltage is disconnected from the CVREF pin
bit 5
CVRR: Comparator VREF Range Selection bit
1
= 0 to 0.667 CVRSRC, with CVRSRC/24 step size (low range)
0
=0.25 CVRSRC to 0.75 CVRSRC, with CVRSRC/32 step size (high range)
bit 4
CVRSS: Comparator VREF Source Selection bit
1
= Comparator reference source, CVRSRC = (VREF+) – (VREF-)
0
= Comparator reference source, CVRSRC = VDD – VSS
bit 3-0
CVR<3:0>: Comparator VREF Value Selection bits (0
≤ (CVR<3:0>) ≤ 15)
When CVRR = 1:
CVREF = ((CVR<3:0>)/24)
• (CVRSRC)
When CVRR = 0:
CVREF = (CVRSRC/4) + ((CVR<3:0>)/32)
• (CVRSRC)
Note 1:
CVROE overrides the TRISA<2> bit setting.
Buffered CVREF Output
+
–
CVREF
Module
Voltage
Reference
Output
Impedance
R(1)
CVREF
Note
1:
R is dependent upon the voltage reference Configuration bits, CVR<3:0> and CVRR.
PIC18F2XK20/4XK20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com