Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 287 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 287 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 283Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 284Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 285Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 286Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 287Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 288Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 289Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 290Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 285
PIC18F2XK20/4XK20
22.2
HLVD Setup
The following steps are needed to set up the HLVD
module:
1.
Write the value to the HLVDL<3:0> bits that
selects the desired HLVD trip point.
2.
Set the VDIRMAG bit to detect high voltage
(VDIRMAG = 1) or low voltage (VDIRMAG = 0).
3.
Enable the HLVD module by setting the
HLVDEN bit.
4.
Clear the HLVD interrupt flag bit of the PIR2
register, which may have been set from a
previous interrupt.
5.
Enable the HLVD interrupt if interrupts are
desired by setting the HLVDIE bit of the PIE2
register, and the GIE and PEIE bits of the
INTCON register. An interrupt will not be gener-
ated until the IRVST bit is set.
22.3
Current Consumption
When the module is enabled, the HLVD comparator
and voltage divider are enabled and will consume static
current. The total current consumption, when enabled,
is specified in electrical specification parameter D022B.
Depending on the application, the HLVD module does
not need to be operating constantly. To decrease the
current requirements, the HLVD circuitry may only
need to be enabled for short periods where the voltage
is checked. After doing the check, the HLVD module
may be disabled.
22.4
HLVD Start-up Time
The internal reference voltage of the HLVD module,
specified in electrical specification parameter D420,
may be used by other internal circuitry, such as the
Programmable Brown-out Reset. If the HLVD or other
circuits using the voltage reference are disabled to
lower the device’s current consumption, the reference
voltage circuit will require time to become stable before
a low or high-voltage condition can be reliably
detected. This start-up time, TIRVST, is an interval that
is independent of device clock speed. It is specified in
electrical specification parameter 36.
The HLVD interrupt flag is not enabled until TIRVST has
expired and a stable reference voltage is reached. For
this reason, brief excursions beyond the set point may
not be detected during this interval. Refer to Figure 22-2
or Figure 22-3.
FIGURE 22-2:
LOW-VOLTAGE DETECT OPERATION (VDIRMAG = 0)
VHLVD
VDD
HLVDIF
VHLVD
VDD
Enable HLVD
TIVRST
HLVDIF may not be set
Enable HLVD
HLVDIF
HLVDIF cleared by software
HLVDIF cleared by software
HLVDIF cleared by software,
CASE 1:
CASE 2:
HLVDIF remains set since HLVD condition still exists
TIVRST
Internal Reference is stable
Internal Reference is stable
IRVST
IRVST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com