Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 289 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 289 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 285Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 286Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 287Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 288Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 289Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 290Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 291Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 292Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 293Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 287
PIC18F2XK20/4XK20
22.5
Applications
In many applications, the ability to detect a drop below,
or rise above, a particular threshold is desirable. For
example, the HLVD module could be periodically
enabled to detect Universal Serial Bus (USB) attach or
detach. This assumes the device is powered by a lower
voltage source than the USB when detached. An attach
would indicate a high-voltage detect from, for example,
3.3V to 5V (the voltage on USB) and vice versa for a
detach. This feature could save a design a few extra
components and an attach signal (input pin).
For general battery applications, Figure 22-4 shows a
possible voltage curve. Over time, the device voltage
decreases. When the device voltage reaches voltage
VA, the HLVD logic generates an interrupt at time TA.
The interrupt could cause the execution of an ISR,
which
would
allow
the
application
to
perform
“housekeeping
tasks”
and
perform
a
controlled
shutdown before the device voltage exits the valid
operating range at TB. The HLVD, thus, would give the
application a time window, represented by the
difference between TA and TB, to safely exit.
FIGURE 22-4:
TYPICAL LOW-VOLTAGE
DETECT APPLICATION
TABLE 22-1:
REGISTERS ASSOCIATED WITH HIGH/LOW-VOLTAGE DETECT MODULE
Time
VA
VB
TA
TB
VA = HLVD trip point
VB = Minimum valid device
operating voltage
Legend:
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page
HLVDCON
VDIRMAG
—
IRVST
HLVDEN
HLVDL3
HLVDL2
HLVDL1
HLVDL0
58
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
57
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
60
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
60
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
60
Legend: — = unimplemented, read as ‘0’. Shaded cells are unused by the HLVD module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com