Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 285 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 285 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 281Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 282Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 283Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 284Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 285Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 286Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 287Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 288Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 283
PIC18F2XK20/4XK20
22.0
HIGH/LOW-VOLTAGE
DETECT (HLVD)
PIC18F2XK20/4XK20 devices have a High/Low-Voltage
Detect module (HLVD). This is a programmable circuit
that allows the user to specify both a device voltage trip
point and the direction of change from that point. If the
device experiences an excursion past the trip point in
that direction, an interrupt flag is set. If the interrupt is
enabled, the program execution will branch to the inter-
rupt vector address and the software can then respond
to the interrupt.
The
High/Low-Voltage
Detect
Control
register
(Register 22-1) completely controls the operation of the
HLVD module. This allows the circuitry to be “turned
off” by the user under software control, which
minimizes the current consumption for the device.
The block diagram for the HLVD module is shown in
Figure 22-1.
The module is enabled by setting the HLVDEN bit.
Each time that the HLVD module is enabled, the cir-
cuitry requires some time to stabilize. The IRVST bit is
a read-only bit and is used to indicate when the circuit
is stable. The module can only generate an interrupt
after the circuit is stable and IRVST is set.
The VDIRMAG bit determines the overall operation of
the module. When VDIRMAG is cleared, the module
monitors for drops in VDD below a predetermined set
point. When the bit is set, the module monitors for rises
in VDD above the set point.
REGISTER 22-1:
HLVDCON: HIGH/LOW-VOLTAGE DETECT CONTROL REGISTER
R/W-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
VDIRMAG
—
IRVST
HLVDEN
HLVDL3(1)
HLVDL2(1)
HLVDL1(1)
HLVDL0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented
C = Clearable only bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VDIRMAG: Voltage Direction Magnitude Select bit
1
= Event occurs when voltage equals or exceeds trip point (HLVDL<3:0>)
0
= Event occurs when voltage equals or falls below trip point (HLVDL<3:0>)
bit 6
Unimplemented: Read as ‘0’
bit 5
IRVST: Internal Reference Voltage Stable Flag bit
1
= Indicates that the voltage detect logic will generate the interrupt flag at the specified voltage range
0
= Indicates that the voltage detect logic will not generate the interrupt flag at the specified voltage
range and the HLVD interrupt should not be enabled
bit 4
HLVDEN: High/Low-Voltage Detect Power Enable bit
1
= HLVD enabled
0
= HLVD disabled
bit 3-0
HLVDL<3:0>: Voltage Detection Limit bits(1)
1111
= External analog input is used (input comes from the HLVDIN pin)
1110
= Maximum setting
.
.
.
0000
= Minimum setting
Note 1:
See Table 26-3 for specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com