Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BL Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT232BL Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 1 of 25
FT232BQ USB UART ( USB - Serial) I.C.
The FT232BQ is the 5 x5 mm lead free QFN32 package version of the 2nd generation of FTDI’s popular USB UART
I.C. This device not only adds extra functionality to its FT8U232AM predecessor and reduces external component
count, but also maintains a high degree of pin compatibility with the original, making it easy to upgrade or cost reduce
existing designs as well as increasing the potential for using the device in new application areas.
•
Single Chip USB Asynchronous Serial Data
Transfer
•
Full Handshaking & Modem Interface Signals
•
UART I/F Supports 7 / 8 Bit Data, 1 / 2 Stop Bits
and Odd/Even/Mark/Space/No Parity
•
Data rate 300 => 3M Baud (TTL)
•
Data rate 300 => 1M Baud (RS232)
•
Data rate 300 => 3M Baud (RS422/RS485)
•
384 Byte Receive Buffer / 128 Byte Transmit Buffer
for high data throughput
•
Adjustable RX buffer timeout
•
Fully Assisted Hardware or X-On / X-Off
Handshaking
•
In-built support for event characters and line break
condition
•
Auto Transmit Buffer control for RS485
•
Support for USB Suspend / Resume through
SLEEP# and RI# pins
•
Support for high power USB Bus powered devices
through PWREN# pin
•
Integrated level converter on UART and control
signals for interfacing to 5V and 3.3V logic
•
Integrated 3.3V regulator for USB IO
•
Integrated Power-On-Reset circuit
•
Integrated 6MHz – 48Mhz clock multiplier PLL
•
USB Bulk or Isochronous data transfer modes
•
4.35V to 5.25V single supply operation
•
UHCI / OHCI / EHCI host controller compatible
•
USB 1.1 and USB 2.0 compatible
•
USB VID, PID, Serial Number and Product
Description strings in external EEPROM
•
EEPROM programmable on-board via USB
•
Compact 5 x 5 mm Lead free RoHS compliant
QFN32 package.
VIRTUAL COM PORT (VCP) DRIVERS for
-
Windows 98 and Windows 98 SE
-
Windows 2000 / ME / Server 2003 / XP
-
Windows XP 64 Bit
-
Windows XP Embedded
-
Windows CE 4.2
-
MAC OS-8 and OS-9
-
MAC OS-X
-
Linux 2.40 and greater
D2XX (USB Direct Drivers + DLL S/W Interface)
-
Windows 98 and Windows 98 SE
-
Windows 2000 / ME / Server 2003 / XP
-
Windows XP 64 Bit
-
Windows XP Embedded
-
Windows CE 4.2
-
Linux 2.40 and greater
APPLICATION AREAS
-
USB RS232 Converters
-
USB  RS422 / RS485 Converters
-
Upgrading RS232 Legacy Peripherals to USB
-
Cellular and Cordless Phone USB data transfer
cables and interfaces
-
Interfacing MCU based designs to USB
-
USB Audio and Low Bandwidth Video data transfer
-
PDA  USB data transfer
-
USB Smart Card Readers
-
Set Top Box (S.T.B.) PC - USB interface
-
USB Hardware Modems
-
USB Wireless Modems
-
USB Instrumentation
-
USB Bar Code Readers
1.0 Features
HARDWARE FEATURES


Similar Part No. - FT232BL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
575Kb / 25P
USB UART ( USB - Serial) I.C.
logo
SYC Electronica
FT232BL SYC-FT232BL Datasheet
556Kb / 24P
FT232BL USB UART ( USB - Serial) I.C.
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
USB UART IC
FT232BL-XXYY FTDI-FT232BL-XXYY Datasheet
1Mb / 34P
USB UART IC
More results

Similar Description - FT232BL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT2232C FTDI-FT2232C Datasheet
907Kb / 51P
Dual USB UART / FIFO I.C.
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
Dual USB UART / FIFO I.C.
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
Dual USB UART/FIFO I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
USB UART ( USB - Serial) I.C.
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
UM232R FTDI-UM232R Datasheet
764Kb / 19P
USB- Serial UART Development Module
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
Dual USB UART / FIFO I.C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com