Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-CJS-S1 Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # DDA-CJS-S1
Description  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-CJS-S1 Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button DDA-CJS-S1 Datasheet HTML 2Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 3Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 4Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 5Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 6Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 7Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 9Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
07/06/2007 V10.0
6
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DDH-CJS, DDS-CJS, DDR-CJS, DDA-CJS,
DDO-CJS, DDY-CJS, DDG-CJS
DDS-SJS, DDR-SJS, DDA-SJS, DDO-SJS,
DDY-SJS, DDG-SJS, DDP-SJS
DDR-TJS, DDY-TJS
1.9
1.8
2.1
2.3
2.3
2.6
12
12
12
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 20mA
01
02
03
04
1.55 … 1.85
1.85 … 2.15
2.15 … 2.45
2.45 … 2.75
Forward voltage, Vf is measured with an accuracy of ± 0.1 V. Please consult sales & marketing for special part number to incorporate Vf binning.
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current;
(tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
30
1000
500
12
2
125
-40 … +100
-40 … +100
75
500
280
mA
mA
V
KV
˚C
˚C
˚C
mW
K/W
K/W
AllnGap : DDx-xJS
DOMINANT TM
Semiconductors
Innovating Illumination
DDx-SJS/DDx-TJS :
DDx-CJS :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com