Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-CJS-S1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDA-CJS-S1
Description  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-CJS-S1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDA-CJS-S1 Datasheet HTML 1Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 2Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 3Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 4Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 5Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 6Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 7Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
07/06/2007 V10.0
2
DDH-CJS-PQ2-1
• DDH-CJS-P1
• DDH-CJS-P2
• DDH-CJS-Q1
• DDH-CJS-Q2
DDS-CJS-QR2-1
• DDS-CJS-Q1
• DDS-CJS-Q2
• DDS-CJS-R1
• DDS-CJS-R2
DDS-SJS-QR2-1
• DDS-SJS-Q1
• DDS-SJS-Q2
• DDS-SJS-R1
• DDS-SJS-R2
DDR-CJS-RS2-1
• DDR-CJS-R1
• DDR-CJS-R2
• DDR-CJS-S1
• DDR-CJS-S2
DDR-SJS-RS2-1
• DDR-SJS-R1
• DDR-SJS-R2
• DDR-SJS-S1
• DDR-SJS-S2
DDR-TJS-TU2-1
• DDR-TJS-T1
• DDR-TJS-T2
• DDR-TJS-U1
• DDR-TJS-U2
DDA-CJS-RS2-1
• DDA-CJS-R1
• DDA-CJS-R2
• DDA-CJS-S1
• DDA-CJS-S2
DDA-SJS-ST2-1
• DDA-SJS-S1
• DDA-SJS-S2
• DDA-SJS-T1
• DDA-SJS-T2
AllnGaP
Hyper-red, 640nm
AllnGap
Super-red, 632nm
AllnGap
Red, 625nm
TS AllnGap
Red, 625nm
AllnGap
Amber, 615nm
120
120
120
120
120
45.0 - 112.5
45.0 - 56.0
56.0 - 71.5
71.5 - 90.0
90.0 - 112.5
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
285.0 - 715.0
285.0 - 335.0
335.0 - 450.0
450.0 - 560.0
560.0 - 715.0
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
AllnGap : DDx-xJS
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com