Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-CJS-S1 Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # DDA-CJS-S1
Description  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-CJS-S1 Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button DDA-CJS-S1 Datasheet HTML 3Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 4Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 5Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 6Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 7Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 9Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 10Page - DOMINANT Semiconductors DDA-CJS-S1 Datasheet HTML 11Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Vr @ Ir = 10uA
AllnGap : DDx-xJS
DOMINANT TM
Semiconductors
Innovating Illumination
07/06/2007 V10.0
7
Unit
Characteristics (Ta = 25˚C)
Value
Temperature coefficient of
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of VF (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
nm / K
Symbol
dom (typ)
dom (typ)
TC
0.03
0.01
0.04
0.09
0.05
0.10
0.01
0.02
0.09
0.10
TCV
-4.3
-2.3
-1.6
-3.3
-3.2
-0.2
-1.6
-2.0
-1.6
-0.2
mV / K
TCIV
-0.7
-0.4
-1.5
-2.3
-1.1
-0.8
-0.3
-1.8
-5.1
-0.4
mcd / K
DDR-CJS, DDR-SJS
DDS-CJS, DDS-SJS
DDO-CJS, DDO-SJS
DDY-CJS, DDY-SJS
DDA-CJS, DDA-SJS
DDG-CJS, DDG-SJS
DDH-CJS
DDR-TJS
DDY-TJS
DDP-SJS
Part Number
DDR-CJS, DDR-SJS
DDS-CJS, DDS-SJS
DDO-CJS, DDO-SJS
DDY-CJS, DDY-SJS
DDA-CJS, DDA-SJS
DDG-CJS, DDG-SJS
DDH-CJS
DDR-TJS
DDY-TJS
DDP-SJS
DDR-CJS, DDR-SJS
DDS-CJS, DDS-SJS
DDO-CJS, DDO-SJS
DDY-CJS, DDY-SJS
DDA-CJS, DDA-SJS
DDG-CJS, DDG-SJS
DDH-CJS
DDR-TJS
DDY-TJS
DDP-SJS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com