Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDB
Description  LED InGaN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDB Datasheet HTML 1Page - DOMINANT Semiconductors DDB Datasheet HTML 2Page - DOMINANT Semiconductors DDB Datasheet HTML 3Page - DOMINANT Semiconductors DDB Datasheet HTML 4Page - DOMINANT Semiconductors DDB Datasheet HTML 5Page - DOMINANT Semiconductors DDB Datasheet HTML 6Page - DOMINANT Semiconductors DDB Datasheet HTML 7Page - DOMINANT Semiconductors DDB Datasheet HTML 8Page - DOMINANT Semiconductors DDB Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DDB-UJS-RS1-1
• DDB-UJS-R1
• DDB-UJS-R2
• DDB-UJS-S1
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminious intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
InGaN : DDx-xJx
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN
Blue, 470nm
120
112.5 - 224.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
07/05/2007 V12.0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com