Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDB
Description  LED InGaN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDB Datasheet HTML 1Page - DOMINANT Semiconductors DDB Datasheet HTML 2Page - DOMINANT Semiconductors DDB Datasheet HTML 3Page - DOMINANT Semiconductors DDB Datasheet HTML 4Page - DOMINANT Semiconductors DDB Datasheet HTML 5Page - DOMINANT Semiconductors DDB Datasheet HTML 6Page - DOMINANT Semiconductors DDB Datasheet HTML 7Page - DOMINANT Semiconductors DDB Datasheet HTML 8Page - DOMINANT Semiconductors DDB Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
07/05/2007 V12.0
2
DDT-CJS-RS2-1
• DDT-CJS-R1
• DDT-CJS-R2
• DDT-CJS-S1
• DDT-CJS-S2
DDT-SJS-ST2-1
• DDT-SJS-S1
• DDT-SJS-S2
• DDT-SJS-T1
• DDT-SJS-T2
DDT-UJS-TU2-1
• DDT-UJS-T1
• DDT-UJS-T2
• DDT-UJS-U1
• DDT-UJS-U2
DDC-CJS-RS2-1
• DDC-CJS-R1
• DDC-CJS-R2
• DDC-CJS-S1
• DDC-CJS-S2
DDC-SJS-ST2-1
• DDC-SJS-S1
• DDC-SJS-S2
• DDC-SJS-T1
• DDC-SJS-T2
DDC-UJS-TU1-1
• DDC-UJS-T1
• DDC-UJS-T2
• DDC-UJS-U1
DDB-CJS-PQ2-1
• DDB-CJS-P1
• DDB-CJS-P2
• DDB-CJS-Q1
• DDB-CJS-Q2
DDB-SJS-QR2-1
• DDB-SJS-Q1
• DDB-SJS-Q2
• DDB-SJS-R1
• DDB-SJS-R2
InGaN
True Green, 525nm
InGaN
Cyan, 505nm
InGaN
Blue, 470nm
120
120
120
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
285.0 - 715.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
560.0 - 715.0
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
285.0 - 560.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
45.0 - 112.5
45.0 - 56.0
56.0 - 71.5
71.5 - 90.0
90.0 - 112.5
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
InGaN : DDx-xJx
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com