Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDB
Description  LED InGaN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDB Datasheet HTML 1Page - DOMINANT Semiconductors DDB Datasheet HTML 2Page - DOMINANT Semiconductors DDB Datasheet HTML 3Page - DOMINANT Semiconductors DDB Datasheet HTML 4Page - DOMINANT Semiconductors DDB Datasheet HTML 5Page - DOMINANT Semiconductors DDB Datasheet HTML 6Page - DOMINANT Semiconductors DDB Datasheet HTML 7Page - DOMINANT Semiconductors DDB Datasheet HTML 8Page - DOMINANT Semiconductors DDB Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
07/05/2007 V12.0
1
Features:
> High brightness surface mount LED.
> Based on InGaN technology.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
DomiLEDTM
Synonymous with function and performance, the DomiLED
TM series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
DomiLEDTM
InGaN : DDx-xJx
© 2005 DomiLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobilephone.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - DDB

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
DDB KGS-DDB Datasheet
393Kb / 1P
Dust resistant plug that can be pierced with round cables
DDB-1216 KGS-DDB-1216 Datasheet
393Kb / 1P
Dust resistant plug that can be pierced with round cables
DDB-1520 KGS-DDB-1520 Datasheet
393Kb / 1P
Dust resistant plug that can be pierced with round cables
DDB-2428 KGS-DDB-2428 Datasheet
393Kb / 1P
Dust resistant plug that can be pierced with round cables
logo
DOMINANT Semiconductors
DDB-CRS-P1 DOMINANT-DDB-CRS-P1 Datasheet
185Kb / 10P
LED InGaN - Reverse Gull-wing
More results

Similar Description - DDB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503TBL1-30G-A MARKTECH-LC503TBL1-30G-A Datasheet
207Kb / 2P
5mm Blue InGaN LED
LC503TBL1-30H-A MARKTECH-LC503TBL1-30H-A Datasheet
208Kb / 2P
5mm Blue InGaN LED
LC503TPG1-30G-A MARKTECH-LC503TPG1-30G-A Datasheet
207Kb / 2P
5mm Green InGaN LED
LC503TPG1-30H-A MARKTECH-LC503TPG1-30H-A Datasheet
209Kb / 2P
5mm Green InGaN LED
LC503MUV1-30Q-A MARKTECH-LC503MUV1-30Q-A Datasheet
65Kb / 2P
5mm InGaN UV LED
logo
DOMINANT Semiconductors
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
Power LED InGaN White
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
Power LED InGaN White
DDW-DJD-V2W-1 DOMINANT-DDW-DJD-V2W-1 Datasheet
770Kb / 12P
LED InGaN White High Brightness
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
LED InGaN White
DDW-CJD-RS2-1 DOMINANT-DDW-CJD-RS2-1 Datasheet
800Kb / 13P
LED InGaN White
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com