Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613AKSZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8613AKSZ-R2
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613AKSZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8613AKSZ-R2 Datasheet HTML 1Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 2Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 3Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost Micropower, Low Noise CMOS
Rail-to-Rail, Input/Output Operational Amplifiers
Data Sheet
AD8613/AD8617/AD8619
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Offset voltage: 2.2 mV maximum
Low input bias current: 1 pA maximum
Single-supply operation: 1.8 V to 5.5 V
Low noise: 22 nV/√Hz
Micropower: 50 μA/amplifier maximum over temperature
No phase reversal
Unity gain stable
Qualified for automotive applications
APPLICATIONS
Battery-powered instrumentation
Multipole filters
Current shunt sense
Sensors
ADC predrivers
DAC drivers/level shifters
Low power ASIC input or output amplifiers
GENERAL DESCRIPTION
The AD8613/AD8617/AD8619 are single, dual, and quad micro-
power, rail-to-rail input and output amplifiers that feature low
supply current, as well as low input voltage and current noise.
The parts are fully specified to operate from 1.8 V to 5 V single
supply, or ±0.9 V and ±2.5 V dual supply. The combination of low
noise, very low input bias currents, and low power consumption
make the AD8613/AD8617/AD8619 especially useful in portable
and loop-powered instrumentation.
The ability to swing rail-to-rail at both the input and output
enables designers to buffer CMOS ADCs, DACs, ASICs, and
other wide output swing devices in low power, single-supply
systems.
The AD8613 is available in a 5-lead SC70 package and a 5-lead
TSOT-23 package. The AD8617 is available in 8-lead MSOP,
8-lead SOIC, and 8-lead LFCSP packages. The AD8619 is
available in 14-lead TSSOP and 14-lead SOIC packages. The
AD8617W is qualified for automotive applications and is
available in 8-lead MSOP and 8-lead SOIC packages. The
AD8619W is qualified for automotive applications and is
available in 14-lead SOIC and 14-lead TSSOP packages.
PIN CONFIGURATIONS
Figure 1. 5-Lead SC70 and 5-Lead TSOT-23
Figure 2. 8-Lead MSOP and 8-Lead SOIC_N
Figure 3. 8-Lead LFCSP
Figure 4. 14-Lead TSSOP and 14-Lead SOIC
1
2
3
5
4
V+
–IN
OUT
V–
+IN
AD8613
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8617
TOP VIEW
(Not to Scale)
NOTES
1. PIN 4 AND THE EXPOSED PAD
MUST BE CONNECTED TO V–.
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8V+
7OUT B
AD8617
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
AD8619
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)


Similar Part No. - AD8613AKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8613AKSZ-R2 AD-AD8613AKSZ-R2 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
AD8613AKSZ-R2 AD-AD8613AKSZ-R2 Datasheet
305Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
AD8613AKSZ-R2 AD-AD8613AKSZ-R2 Datasheet
291Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results

Similar Description - AD8613AKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8613 AD-AD8613 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
AD8603 AD-AD8603 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com