Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613AKSZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8613AKSZ-R2
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613AKSZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8613AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8613/AD8617/AD8619
Rev. H | Page 11 of 16
Figure 33. Small Signal Overshoot vs. Load Capacitance
Figure 34. Large Signal Transient Response
Figure 35. 0.1 Hz to 10 Hz Input Voltage Noise
Figure 36. Voltage Noise Density
40
0
10
1k
LOAD CAPACITANCE (pF)
10
20
30
100
+OS
–OS
VSY = 1.8V
TA = 25°C
TIME (20µs/DIV)
VSY = 1.8V
AV = 1
RL = 10kΩ
CL = 200pF
TIME (1s/DIV)
VSY = 1.8V
1k
1
110k
FREQUENCY (Hz)
10
100
1k
10
100
VSY = 1.8V
TA = 25°C
1/F CORNER @ 100Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com