Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613AKSZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8613AKSZ-R2
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613AKSZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8613AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 15Page - Analog Devices AD8613AKSZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8613/AD8617/AD8619
Data Sheet
Rev. H | Page 14 of 16
Figure 41. 5-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-5)
Dimensions shown in millimeters
Figure 42. 5-Lead Thin Small Outline Transistor Package [TSOT-23]
(UJ-5)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-203-AA
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
12
4
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
*COMPLIANT TO JEDEC STANDARDS MO-193-AB WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
0.50
0.30
0.10 MAX
*1.00 MAX
*0.90 MAX
0.70 MIN
2.90 BSC
54
12
3
SEATING
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com