Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 25Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 26Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 27Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 28Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 29Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 30Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 31Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 32Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 27
PIC16F882/883/884/886/887
TABLE 2-2:
PIC16F882/883/884/886/887 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
37,213
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
30,214
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
37,213
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
29,213
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
37,213
85h
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
39,214
86h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
48,214
87h
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
53,214
88h
TRISD(3)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
57,214
89h
TRISE
—
—
—
—
TRISE3
TRISE2(3)
TRISE1(3)
TRISE0(3)
---- 1111
59,214
8Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
37,213
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF(1)
0000 000x
31,213
8Ch
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
32,214
8Dh
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
ULPWUIE
—
CCP2IE
0000 00-0
33,214
8Eh
PCON
—
—
ULPWUE
SBOREN
—
—POR
BOR
--01 --qq
36,214
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS
HTS
LTS
SCS
-110 q000
62,214
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
66,214
91h
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
177,214
92h
PR2
Timer2 Period Register
1111 1111
81,214
93h
SSPADD(2)
Synchronous Serial Port (I2C mode) Address Register
0000 0000
185,214
93h
SSPMSK(2)
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
1111 1111
204,214
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
185,214
95h
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
1111 1111
49,214
96h
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
IOCB3
IOCB2
IOCB1
IOCB0
0000 0000
49,214
97h
VRCON
VREN
VROE
VRR
VRSS
VR3
VR2
VR1
VR0
0000 0000
97,214
98h
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
158,214
99h
SPBRG
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
161,214
9Ah
SPBRGH
BRG15
BRG14
BRG13
BRG12
BRG11
BRG10
BRG9
BRG8
0000 0000
161,214
9Bh
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000
144,214
9Ch
ECCPAS
ECCPASE ECCPAS2 ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
0000 0000
141,214
9Dh
PSTRCON
—
—
—
STRSYNC
STRD
STRC
STRB
STRA
---0 0001
145,214
9Eh
ADRESL
A/D Result Register Low Byte
xxxx xxxx
99,214
9Fh
ADCON1
ADFM
—VCFG1
VCFG0
—
—
—
—
0-00 ----
105,214
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
MCLR and WDT Reset do not affect the previous value data latch. The RBIF bit will be cleared upon Reset but will set again if the
mismatch exists.
2:
Accessible only when SSPCON register bits SSPM<3:0> = 1001.
3:
PIC16F884/PIC16F887 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com