Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 92Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 93Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 94Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 95Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 96Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 97Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 98Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 99Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 94
Preliminary
© 2007 Microchip Technology Inc.
8.10
Comparator Voltage Reference
The Comparator Voltage Reference module provides
an internally generated voltage reference for the com-
parators. The following features are available:
• Independent from Comparator operation
• Two 16-level voltage ranges
• Output clamped to VSS
• Ratiometric with VDD
• Fixed Reference (0.6V)
The VRCON register (Register 8-5) controls the
Voltage Reference module shown in Figure 8-8.
The voltage source is selectable through both ends of
the 16 connection resistor ladder network. Bit VRSS of
the VRCON register selects either the internal or
external voltage source.
The PIC16F883/884/886/887 allows the CVREF signal
to be output to the RA2 pin of PORTA under certain
configurations only. For more details, see Figure 8-9.
8.10.1
INDEPENDENT OPERATION
The comparator voltage reference is independent of
the comparator configuration. Setting the VREN bit of
the VRCON register will enable the voltage reference.
8.10.2
OUTPUT VOLTAGE SELECTION
The
CVREF voltage reference has 2 ranges with 16
voltage levels in each range. Range selection is
controlled by the VRR bit of the VRCON register. The
16 levels are set with the VR<3:0> bits of the VRCON
register.
The CVREF output voltage is determined by the following
equations:
EQUATION 8-1:
CVREF OUTPUT VOLTAGE
The full range of VSS to VDD cannot be realized due to
the construction of the module. See Figure 8-8.
8.10.3
OUTPUT CLAMPED TO VSS
The CVREF output voltage can be set to Vss with no
power consumption by configuring VRCON as follows:
•VREN = 0
•VRR = 1
•VR<3:0> = 0000
This allows the comparator to detect a zero-crossing
while not consuming additional CVREF module current.
8.10.4
OUTPUT RATIOMETRIC TO VDD
The comparator voltage reference is VDD derived and
therefore, the CVREF output changes with fluctuations in
VDD. The tested absolute accuracy of the Comparator
Voltage Reference can be found in Section 17.0
“Electrical Specifications”.
8.10.5
FIXED VOLTAGE REFERENCE
The fixed voltage reference is independent of VDD, with
a nominal output voltage of 0.6V. This reference can be
enabled by setting the FVREN bit of the SRCON
register to ‘1’. This reference is always enabled when
the HFINTOSC oscillator is active.
8.10.6
FIXED VOLTAGE REFERENCE
STABILIZATION PERIOD
When the fixed Voltage Reference module is enabled,
it will require some time for the reference and its
amplifier circuits to stabilize. The user program must
include a small delay routine to allow the module to
settle. See the electrical specifications section for the
minimum delay requirement.
8.10.7
VOLTAGE REFERENCE
SELECTION
Multiplexers on the output of the Voltage Reference
module enable selection of either the CVREF or fixed
voltage reference for use by the comparators.
Setting the C1VREN bit of the VRCON register enables
current to flow in the CVREF voltage divider and selects
the CVREF voltage for use by C1. Clearing the C1VREN
bit selects the fixed voltage for use by C1.
Setting the C2VREN bit of the VRCON register enables
current to flow in the CVREF voltage divider and selects
the CVREF voltage for use by C2. Clearing the C2VREN
bit selects the fixed voltage for use by C2.
When both the C1VREN and C2VREN bits are cleared,
current flow in the CVREF voltage divider is disabled
minimizing the power drain of the voltage reference
peripheral.
VRR
1 (low range):
=
VRR
0 (high range):
=
CVREF
(VLADDER/4) +
=
CVREF
(VR<3:0>/24)
VLADDER
×
=
(VR<3:0>
VLADDER/32)
×
VLADDER
VDD
=
or ([VREF+] - [VREF-]) or VREF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com