Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 83Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 84Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 85Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 86Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 87Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 88Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 89Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 90Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 85
PIC16F882/883/884/886/887
8.2
Comparator Control
Each
comparator
has
a
separate
control
and
configuration register: CM1CON0 for Comparator C1 and
CM2CON0 for Comparator C2. In addition, Comparator
C2 has a second control register, CM2CON1, for
controlling the interaction with Timer1 and simultaneous
reading of both comparator outputs.
The CM1CON0 and CM2CON0 registers (see Registers
8-1 and 8-2, respectively) contain the control and Status
bits for the following:
• Enable
• Input selection
• Reference selection
•Output selection
• Output polarity
8.2.1
COMPARATOR ENABLE
Setting the CxON bit of the CMxCON0 register enables
the comparator for operation. Clearing the CxON bit
disables the comparator resulting in minimum current
consumption.
8.2.2
COMPARATOR INPUT SELECTION
The CxCH<1:0> bits of the CMxCON0 register direct
one of four analog input pins to the comparator
inverting input.
8.2.3
COMPARATOR REFERENCE
SELECTION
Setting the CxR bit of the CMxCON0 register directs an
internal voltage reference or an analog input pin to the
non-inverting
input
of
the
comparator.
See
Section 8.10 “Comparator Voltage Reference” for
more information on the internal Voltage Reference
module.
8.2.4
COMPARATOR OUTPUT
SELECTION
The output of the comparator can be monitored by
reading either the CxOUT bit of the CMxCON0 register
or the MCxOUT bit of the CM2CON1 register. In order
to make the output available for an external connection,
the following conditions must be true:
• CxOE bit of the CMxCON0 register must be set
• Corresponding TRIS bit must be cleared
• CxON bit of the CMxCON0 register must be set
8.2.5
COMPARATOR OUTPUT POLARITY
Inverting the output of the comparator is functionally
equivalent to swapping the comparator inputs. The
polarity of the comparator output can be inverted by
setting the CxPOL bit of the CMxCON0 register.
Clearing the CxPOL bit results in a non-inverted output.
Table 8-1
shows
the
output
state
versus
input
conditions, including polarity control.
8.3
Comparator Response Time
The comparator output is indeterminate for a period of
time after the change of an input source or the selection
of a new reference voltage. This period is referred to as
the response time. The response time of the
comparator differs from the settling time of the voltage
reference. Therefore, both of these times must be
considered when determining the total response time
to a comparator input change. See the Comparator and
Voltage Reference specifications in Section 17.0
“Electrical Specifications” for more details.
Note:
To use CxIN+ and CxIN- pins as analog
inputs, the appropriate bits must be set in
the ANSEL and ANSELH registers and the
corresponding TRIS bits must also be set
to disable the output drivers.
Note 1: The CxOE bit overrides the PORT data
latch. Setting the CxON has no impact on
the port override.
2: The internal output of the comparator is
latched
with
each
instruction
cycle.
Unless
otherwise
specified,
external
outputs are not latched.
TABLE 8-1:
COMPARATOR OUTPUT
STATE VS. INPUT
CONDITIONS
Input Condition
CxPOL
CxOUT
CxVIN- > CxVIN+
00
CxVIN- < CxVIN+
01
CxVIN- > CxVIN+
11
CxVIN- < CxVIN+
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com