Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F609-E/MDSQTP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC12F609-E/MDSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MDSQTP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC12F609-E/MDSQTP Datasheet HTML 17Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 18Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 19Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 20Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 21Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 22Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 23Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 24Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 19
PIC12F609/615/12HV609/615
2.2.2.5
PIR1 Register
The PIR1 register contains the Peripheral Interrupt flag
bits, as shown in Register 2-5.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 2-5:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
U-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
R/W-0
—ADIF(1)
CCP1IF(1)
—CMIF
—TMR2IF(1)
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
ADIF: A/D Interrupt Flag bit(1)
1
= A/D conversion complete
0
= A/D conversion has not completed or has not been started
bit 5
CCP1IF: CCP1 Interrupt Flag bit(1)
Capture mode:
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare mode:
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode:
Unused in this mode
bit 4
Unimplemented: Read as ‘0’
bit 3
CMIF: Comparator Interrupt Flag bit
1
= Comparator output has changed (must be cleared in software)
0
= Comparator output has not changed
bit 2
Unimplemented: Read as ‘0’
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag bit(1)
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match has not occurred
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= Timer1 register overflowed (must be cleared in software)
0
= Timer1 has not overflowed
Note 1: PIC12F615/HV615 only. PIC12F609/HV609 unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com