Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F609-E/MDSQTP Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC12F609-E/MDSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MDSQTP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC12F609-E/MDSQTP Datasheet HTML 57Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 58Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 59Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 60Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 61Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 62Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 63Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 64Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 59
PIC12F609/615/12HV609/615
8.8
Comparator Gating Timer1
This feature can be used to time the duration or interval
of analog events. Clearing the T1GSS bit of the
CMCON1 register will enable Timer1 to increment
based on the output of the comparator. This requires
that Timer1 is on and gating is enabled. See
Section 6.0 “Timer1 Module with Gate Control” for
details.
It is recommended to synchronize the comparator with
Timer1 by setting the CMSYNC bit when the compara-
tor is used as the Timer1 gate source. This ensures
Timer1 does not miss an increment if the comparator
changes during an increment.
8.9
Synchronizing Comparator Output
to Timer1
The comparator output can be synchronized with
Timer1 by setting the CMSYNC bit of the CMCON1
register. When enabled, the comparator output is
latched on the falling edge of the Timer1 clock source.
If a prescaler is used with Timer1, the comparator
output is latched after the prescaling function. To
prevent a race condition, the comparator output is
latched on the falling edge of the Timer1 clock source
and Timer1 increments on the rising edge of its clock
source.
See
the
Comparator
Block
Diagram
(Figure 8-2) and the Timer1 Block Diagram (Figure 6-1)
for more information.
REGISTER 8-2:
CMCON1: COMPARATOR CONTROL REGISTER 1
U-0
U-0
U-0
R/W-0
R/W-0
U-0
R/W-1
R/W-0
—
—
—
T1ACS
CMHYS
—
T1GSS
CMSYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4
T1ACS: Timer1 Alternate Clock Select bit
1
= Timer 1 Clock Source is System Clock (FOSC)
0
= Timer 1 Clock Source is Instruction Clock (FOSC\4)
bit 3
CMHYS: Comparator Hysteresis Select bit
1
= Comparator Hysteresis enabled
0
= Comparator Hysteresis disabled
bit 2
Unimplemented: Read as ‘0’
bit 1
T1GSS: Timer1 Gate Source Select bit(1)
1
= Timer 1 Gate Source is T1G pin (pin should be configured as digital input)
0
= Timer 1 Gate Source is comparator output
bit 0
CMSYNC: Comparator Output Synchronization bit(2)
1
= Output is synchronized with falling edge of Timer1 clock
0
= Output is asynchronous
Note 1:
Refer to Section 6.6 “Timer1 Gate”.
2:
Refer to Figure 8-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com