Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F609-E/MDSQTP Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC12F609-E/MDSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MDSQTP Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC12F609-E/MDSQTP Datasheet HTML 68Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 69Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 70Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 71Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 72Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 73Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 74Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 75Page - Microchip Technology PIC12F609-E/MDSQTP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 70
Preliminary
© 2006 Microchip Technology Inc.
9.2.7
ADC REGISTER DEFINITIONS
The following registers are used to control the operation of the ADC.
REGISTER 9-1:
ADCON0: A/D CONTROL REGISTER 0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
VCFG
—
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ADFM: A/D Conversion Result Format Select bit
1
= Right justified
0
= Left justified
bit 6
VCFG: Voltage Reference bit
1
= VREF pin
0
= VSS
bit 5
Unimplemented: Read as ‘0’
bit 4-2
CHS<2:0>: Analog Channel Select bits
000
= Channel 00 (AN0)
001
= Channel 01 (AN1)
010
= Channel 02 (AN2)
011
= Channel 03 (AN3)
100
= CVREF
101
= 0.6V Reference
110
= 1.2V Reference
111
= Reserved. Do not use.
bit 1
GO/DONE: A/D Conversion Status bit
1
= A/D conversion cycle in progress. Setting this bit starts an A/D conversion cycle.
This bit is automatically cleared by hardware when the A/D conversion has completed.
0
= A/D conversion completed/not in progress
bit 0
ADON: ADC Enable bit
1
= ADC is enabled
0
= ADC is disabled and consumes no operating current
Note 1:
When the CHS<2:0> bits change to select the 1.2V or 0.6V reference, the reference output voltage will
have a transient. If the Comparator module uses this 0.6V reference voltage, the comparator output may
momentarily change state due to the transient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com