Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RMT-500 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E5CN-RMT-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RMT-500 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E5CN-RMT-500 Datasheet HTML 9Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 10Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 11Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 12Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 13Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 14Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 15Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 16Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Digital Temperature Controllers
E5CN/E5CN-U
13
Adapter
Note: Use this Adapter when the panel has already been prepared for the E5B
@.
E5CN-U Wiring Socket (Sold Separately)
Note: A model with finger protection (P2CF-11-E) is also available.
Note: 1. Using any other sockets will adversely affect accuracy. Use only the specified sockets.
2. A Protective Cover for finger protection (Y92A-48G) is also available.
Fixture (Accessory)
69.6 to 77.6
87
72
× 72
76
4.7
67
× 67
Y92F-45
Panel (1 to 8 mm)
77.3 (to back of E5CN)
72
× 72
48
× 48
2.2
4.7
Mounted to E5CN
40
±0.2
4.5
5
6
7
8
4
3
2
1
9
10 11
70 max.
4
Eleven, M3.5
× 7.5
sems screws
7.8
Two,
4.5-dia.
holes
50 max.
3
31.2 max.
35.4
Note: Can also be mounted to a DIN track.
Mounting Holes
Terminal Layout/Internal Connections
(Top View)
Two, 4.5 dia mounting holes
Front-connecting Socket
P2CF-11
5 6 7 8
4
3
2
9
10
11
1
25.6
27 dia.
45
45
4.5 16.3 6.2
47
3
8.7
6
Terminal Layout/Internal Connections
(Bottom View)
Back-connecting Socket
P3GA-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com