Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RMT-500 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5CN-RMT-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RMT-500 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5CN-RMT-500 Datasheet HTML 1Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 2Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 3Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 4Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Digital Temperature Controllers
E5CN/E5CN-U
5
Specifications
■ Ratings
Item
Power supply
voltage
100 to 240 VAC, 50/60 Hz
24 VAC, 50/60 Hz or 24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Power
consumption
E5CN
7.5 VA max. (E5CN-R2T: 3.0 VA at 100 VAC)
5 VA/3 W max. (E5CN-R2T: 2.7 VA at 24 VAC)
E5CN-U
6 VA max.
3 VA/2 W max.
Sensor input
Models with temperature inputs
Thermocouple: K, J, T, E, L, U, N, R, S, or B
Platinum resistance thermometer: Pt100 or JPt100
Infrared temperature sensor: 10 to 70
°C, 60 to 120°C, 115 to 165°C, or 160 to 260°C
Voltage input: 0 to 50 mV
Models with analog inputs
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
W, Voltage input: 1 MW (Use a 1:1 connection when connecting the ES2-HB.)
Control
output
Relay output
E5CN
SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable
load: 5 V, 10 mA
E5CN-U
SPDT, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable load:
5 V, 10 mA
Voltage output
E5CN
E5CN-U
Output voltage: 12 VDC
±15% (PNP), max. load current: 21 mA, with short-circuit protection circuit
Current output
E5CN
4 to 20 mA DC/0 to 20 mA DC, load: 600
W max., resolution: approx. 2,700
Long-life relay
output
E5CN
SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 1,000,000 operations, minimum applicable
load: 5 V, 100 mA (Do not connect a DC load.)
Alarm output
SPST-NO, 250 VAC, 1 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 1 V, 1 mA
Event input
Contact input
ON: 1 k
W max., OFF: 100 kW min.
Non-contact
input
ON: Residual voltage: 1.5 V max., OFF: Leakage current: 0.1 mA max.
Outflow current: Approx. 7 mA per point
Control method
ON/OFF control or 2-PID control (with auto-tuning)
Setting method
Digital setting using front panel keys
Indication method
11-segment digital display and individual indicators (7-segments displays also possible)
Character height: PV: 11 mm, SV: 6.5 mm
Other functions
Manual output, heating/cooling control, transfer output (on some models), loop break alarm, multi SP, MV
limiter, input digital filter, self-tuning, temperature input shift, run/stop, protection functions, etc.
Ambient operating
temperature
-10 to 55°C (with no icing or condensation), for 3-year warranty: -10 to 50°C
Ambient operating humidity
25% to 85%
Storage temperature
-25 to 65°C (with no icing or condensation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com