Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RMT-500 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5CN-RMT-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RMT-500 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E5CN-RMT-500 Datasheet HTML 2Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 3Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 4Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 9Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Digital Temperature Controllers
E5CN/E5CN-U
■ Input Ranges
Thermocouples/Platinum Resistance Thermometers (Multi-inputs)
Models with Analog Inputs
Input
Type
Platinum resistance
thermometer
Thermocouple
Infrared temperature
sensor
Analog
input
Name
Pt100 
JPt100 
K 
J 
T 
E 
L 
U 
N 
R 
S 
B 
10 to
70
°C
60 to
120
°C
115 to
165
°C
160 to
260
°C
0 to 50 mV
1800
1700
1600
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
-100.0
-200.0
1800
Usable in
the following
ranges by
scaling:
-1999 to
9999 or
-199.9 to
999.9
1700
1700
1300
1300
850
850
850
600
500.0
500.0
500.0
400.0
400
400.0
400
400.0
260
120
165
100.0
100.0
90
100
0.0
0.0
0
0
0
0
0
0
0
-20.0
-100
-20.0
-100
-200
-199.9
-199.9
-200
-200
-199.9
-200
-199.9
-200
Setting
number
01
23
4
5
6
7
8
9
101112131415
1617181920
21
22
23
The applicable standards for the input types
are as follows:
K, J, T, E, N, R, S, B: IEC584-1
L: Fe-CuNi, DIN 43710-1985
U: Cu-CuNi, DIN 43710-1985
Pt100: IEC 751
Shaded settings are the default settings.
Input Type
Current
Voltage
Input specification
4 to 20mA 0 to 20 mA 1 to 5 V
0 to 5 V
0 to 10 V
Setting range
Usable in the following ranges by scaling:
-1999 to 9999, -199.9 to 999.9, -19.99 to 99.99 or -1.999 to 9.999
Setting number
01234Shaded settings are the default settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com