Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/P Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC18F23K20-E/P
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/P Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC18F23K20-E/P Datasheet HTML 40Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 41Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 42Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 43Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 44Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 45Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 46Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 47Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 42
Advance Information
© 2007 Microchip Technology Inc.
3.1.3
CLOCK TRANSITIONS AND STATUS
INDICATORS
The length of the transition between clock sources is
the sum of:
• Start-up time of the new clock
• Two and one half cycles of the old clock source
• Two and one half cycles of the new clock
Three flag bits indicate the current clock source and its
status. They are:
• OSTS (of the OSCCON register)
• IOFS (of the OSCCON register)
• T1RUN (of the T1CON register)
In general, only one of these bits will be set while in a
given power-managed mode. Table 3-2 shows the rela-
tionship of the flags to the active main system clock
source.
TABLE 3-2:
SYSTEM CLOCK INDICATORS
.
3.1.4
MULTIPLE FUNCTIONS OF THE
SLEEP COMMAND
The power-managed mode that is invoked with the
SLEEP
instruction is determined by the setting of the
IDLEN bit of the OSCCON register at the time the
instruction is executed. All clocks stop and minimum
power is consumed when SLEEP is executed with the
IDLEN bit cleared. The system clock continues to sup-
ply a clock to the peripherals but is disconnected from
the CPU when SLEEP is executed with the IDLEN bit
set.
3.2
Run Modes
In the Run modes, clocks to both the core and
peripherals are active. The difference between these
modes is the clock source.
3.2.1
PRI_RUN MODE
The PRI_RUN mode is the normal, full power execution
mode of the microcontroller. This is also the default
mode upon a device Reset, unless Two-Speed Start-up
is enabled (see Section 2.10 “Two-Speed Clock
Start-up Mode” for details). In this mode, the OSTS bit
is set. The IOFS bit will be set if the HFINTOSC is the
primary clock source and the oscillator is stable (see
Section 2.2 “Oscillator Control”).
3.2.2
SEC_RUN MODE
The SEC_RUN mode is the mode compatible to the
“clock switching” feature offered in other PIC18
devices. In this mode, the CPU and peripherals are
clocked from the Timer1 oscillator. This gives users the
option of lower power consumption while still using a
high accuracy clock source.
SEC_RUN mode is entered by setting the SCS<1:0>
bits to ‘01’. When SEC_RUN mode is active all of the
following are true:
• The main clock source is switched to the Timer1
oscillator
• Primary oscillator is shut down
• T1RUN bit of the T1CON register is set
• OSTS bit is cleared.
On transitions from SEC_RUN mode to PRI_RUN, the
peripherals and CPU continue to be clocked from the
Timer1 oscillator while the primary clock is started.
When the primary clock becomes ready, a clock switch
back to the primary clock occurs (see Figure 2-7).
When the clock switch is complete, the T1RUN bit is
cleared, the OSTS bit is set and the primary clock is
providing the main system clock. The Timer1 oscillator
continues to run as long as the T1OSCEN bit is set.
OSTS IOFS T1RUN
Main System Clock Source
10
0
Primary Oscillator
01
0
HFINTOSC
00
1
Secondary Oscillator
11
0
HFINTOSC as primary clock
00
0
LFINTOSC or
HFINTOSC is not yet stable
Note 1: Caution should be used when modifying a
single IRCF bit. If VDD is less than 2.7V, it
is possible to select a higher clock speed
than is supported by the low VDD.
Improper device operation may result if
the VDD/FOSC specifications are violated.
2: Executing a SLEEP instruction does not
necessarily place the device into Sleep
mode. It acts as the trigger to place the
controller into either the Sleep mode or
one of the Idle modes, depending on the
setting of the IDLEN bit.
Note:
The Timer1 oscillator should already be
running prior to entering SEC_RUN mode.
If the T1OSCEN bit is not set when the
SCS<1:0> bits are set to ‘01’, entry to
SEC_RUN mode will not occur until
T1OSCEN bit is set and Timer1 oscillator
is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com