Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/P Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC18F23K20-E/P
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/P Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18F23K20-E/P Datasheet HTML 55Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 56Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 57Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 58Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 59Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 60Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 61Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 62Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 57
PIC18F2XK20/4XK20
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
PIC18F2XK20
PIC18F4XK20
---0 0000
---0 0000
---0 uuuu
(3)
TOSH
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
(3)
TOSL
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
(3)
STKPTR
PIC18F2XK20
PIC18F4XK20
00-0 0000
uu-0 0000
uu-u uuuu
(3)
PCLATU
PIC18F2XK20
PIC18F4XK20
---0 0000
---0 0000
---u uuuu
PCLATH
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
PCL
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
PIC18F2XK20
PIC18F4XK20
--00 0000
--00 0000
--uu uuuu
TBLPTRH
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
TABLAT
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
PRODH
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
PIC18F2XK20
PIC18F4XK20
0000 000x
0000 000u
uuuu uuuu
(1)
INTCON2
PIC18F2XK20
PIC18F4XK20
1111 -1-1
1111 -1-1
uuuu -u-u
(1)
INTCON3
PIC18F2XK20
PIC18F4XK20
11-0 0-00
11-0 0-00
uu-u u-uu
(1)
INDF0
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
POSTINC0
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
POSTDEC0
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
PREINC0
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
PLUSW0
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
FSR0H
PIC18F2XK20
PIC18F4XK20
---- 0000
---- 0000
---- uuuu
FSR0L
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
POSTINC1
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
POSTDEC1
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
PREINC1
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
PLUSW1
PIC18F2XK20
PIC18F4XK20
N/A
N/A
N/A
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled as
PORTA pins, they are disabled and read ‘0’.
6:
All bits of the ANSELH register initialize to ‘0’ if the PBADEN bit of CONFIG3H is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com