Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/P Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC18F23K20-E/P
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/P Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC18F23K20-E/P Datasheet HTML 57Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 58Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 59Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 60Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 61Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 62Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 63Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 64Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 59
PIC18F2XK20/4XK20
ADRESH
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
PIC18F2XK20
PIC18F4XK20
--00 0000
--00 0000
--uu uuuu
ADCON1
PIC18F2XK20
PIC18F4XK20
--00 0qqq
--00 0qqq
--uu uuuu
ADCON2
PIC18F2XK20
PIC18F4XK20
0-00 0000
0-00 0000
u-uu uuuu
CCPR1H
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
CCPR2H
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
PIC18F2XK20
PIC18F4XK20
--00 0000
--00 0000
--uu uuuu
PSTRCON
PIC18F2XK20
PIC18F4XK20
---0 0001
---0 0001
---u uuuu
BAUDCTL
PIC18F2XK20
PIC18F4XK20
0100 0-00
0100 0-00
uuuu u-uu
PWM1CON
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
ECCP1AS
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
CVRCON
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
CVRCON2
PIC18F2XK20
PIC18F4XK20
00-- ----
00-- ----
uu-- ----
TMR3H
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
PIC18F2XK20
PIC18F4XK20
0000 0000
uuuu uuuu
uuuu uuuu
SPBRGH
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
SPBRG
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
RCREG
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
TXREG
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
TXSTA
PIC18F2XK20
PIC18F4XK20
0000 0010
0000 0010
uuuu uuuu
RCSTA
PIC18F2XK20
PIC18F4XK20
0000 000x
0000 000x
uuuu uuuu
EEADR
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
EEADRH
PIC18F26K20
PIC18F46K20
---- --00
---- --00
---- --uu
EEDATA
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
EECON2
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
0000 0000
EECON1
PIC18F2XK20
PIC18F4XK20
xx-0 x000
uu-0 u000
uu-0 u000
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled as
PORTA pins, they are disabled and read ‘0’.
6:
All bits of the ANSELH register initialize to ‘0’ if the PBADEN bit of CONFIG3H is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com