Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RML-500 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E5CN-RML-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RML-500 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E5CN-RML-500 Datasheet HTML 4Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 9Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 10Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 11Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Digital Temperature Controllers
E5CN/E5CN-U
■ Characteristics
Note: 1. The indication of K thermocouples in the
-200 to 1300°C
range, T and N thermocouples at a temperature of
-100°C
max., and U and L thermocouples at any temperature is
±2°C ±1 digit maximum. The indication accuracy of the B
thermocouple at a temperature of 400
°C max. is not
specified. The indication accuracy of the R and S
thermocouples at a temperature of 200
°C max. is ±3°C ±1
digit max.
2. “EU” stands for Engineering Unit and is used as the unit
after scaling. For a temperature sensor, the EU is
°C or °F.
3. When robust tuning (RT) is ON, the differential time is 0.0 to
999.9 (in units of 0.1 s).
4. B, R, and S sensors: 0.2
°C/W max. (100 W max.)
■ Communications Specifications
Note: The baud rate, data bit length, stop bit length, and vertical
parity can be individually set using the Communications Setting
Level.
■ Current Transformer
(Sold Separately)
Ratings
Indication accuracy
Thermocouple: (See note 1.)
E5CN:
(
±0.5% of indicated value or ±1°C,
whichever is greater)
±1 digit max.
E5CN-U: (
±1% of indicated value or ±2°C,
whichever is greater)
±1 digit max.
Platinum resistance thermometer:
(
±0.5% of indicated value or ±1°C,
whichever is greater)
±1 digit max.
Analog input:
±0.5% FS ±1 digit max.
CT input:
±5% FS ±1 digit max.
Hysteresis
Models with thermocouple/platinum
resistance thermometer (multi-input) input:
0.1 to 999.9 EU (in units of 0.1 EU)
Models with analog input:
0.01 to 99.99% FS (in units of 0.01% FS)
Proportional band (P)
Models with thermocouple/platinum
resistance thermometer (multi-input) input:
0.1 to 999.9 EU (in units of 0.1 EU)
Models with analog input:
0.1 to 999.9% FS (in units of 0.1% FS)
Integral time (I)
0 to 3999 s (in units of 1 s)
Derivative time (D)
0 to 3999 s (in units of 1 s) (See note 3.)
Control period
0.5, 1 to 99 s (in units of 1 s)
Manual reset value
0.0 to 100.0% (in units of 0.1%)
Alarm setting range
-1999 to 9999 (decimal point position
depends on input type)
Sampling period
250 ms
Affect of signal source
resistance
Thermocouple: 0.1
°C/W max. (100 W max.)
(See note 4.)
Platinum resistance thermometer: 0.4
°C/W
max. (10
W max.)
Insulation resistance
20 M
W min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50 or 60 Hz for 1 min (between
terminals with different charge)
Vibration
resistance
Malfunction 10 to 55 Hz, 20 m/s2 for 10 min each in X, Y,
and Z directions
Destruction 10 to 55 Hz, 0.75-mm single amplitude for
2 hrs each in X, Y, and Z directions
Shock
resistance
Malfunction 100 m/s2 min., 3 times each in X, Y, and Z
directions
Destruction 300 m/s2 min., 3 times each in X, Y, and Z
directions
Weight
E5CN
Controller: Approx. 150 g, Mounting
Bracket: Approx. 10 g
E5CN-U
Controller: Approx. 110 g, Mounting
Bracket: Approx. 10 g
Degree of
protection
E5CN
Front panel: NEMA4X for indoor use
(equivalent to IP66)
Rear case: IP20, Terminal section: IP00
E5CN-U
Front panel: Equivalent to IP50, rear case:
IP20, terminals: IP00
Memory protection
Non-volatile memory (number of writes:
1,000,000 operations)
Transmission
line connection
method
RS-485 multipoint
Communications RS-485 (two-wire, half duplex)
Synchronization
method
Start-stop synchronization
Baud rate
1200, 2400, 4800, 9600, 19200, or 38400 bps
Transmission
code
ASCII
Data bit length
7 or 8 bits
Stop bit length
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
Frame check sequence (FCS) with SYSWAY
Block check character (BCC) with CompoWay/F
or CRC-16 Modbus
Flow control
None
Interface
RS-485
Retry function
None
Communications
buffer
40 bytes
Communications
response wait
time
0 to 99 ms
Default: 20 ms
Dielectric
strength
1,000 VAC for 1 min
Vibration
resistance
50 Hz, 98 m/s2
Weight
E54-CT1: Approx. 11.5 g, E54-CT3: Approx. 50 g
Accessories
(E54-CT3 only)
Armatures (2)
Plugs (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com