Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RML-500 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5CN-RML-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RML-500 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5CN-RML-500 Datasheet HTML 1Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 2Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 3Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 4Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Digital Temperature Controllers
E5CN/E5CN-U
Model Number Structure
■ Model Number Legend (Plug-in-type Controllers)
1. Output type
R: Relay
Q: Voltage
2. Number of alarms
Blank: No alarm
1:
One alarm
2:
Two alarms
3. Input type
T: Thermocouple/platinum resistance thermometer (multi-input)
4. Plug-in type
U: Plug-in type
Ordering Information (Plug-in-type Controllers)
■ Controllers with Temperature Inputs (Multi-input)
Note: Option Units (E53-CN
@@N) cannot be used for Plug-in models.
■ Accessories (Order Separately)
Terminal Cover
Current Transformers (CTs)
Adapter
Note: Use this Adapter when the panel has been previously prepared
for the E5B
@.
Sockets
(for Models with Plug-in Connectors)
1 2 3 4
E5CN-
@@@U
Size
Power supply voltage
Number of alarm points
Control outputs
Model
1/16 DIN
48
´ 48 ´ 78 (W ´ H ´ D)
100 to 240 VAC
0
Relay
E5CN-RTU
Voltage (for driving SSR) E5CN-QTU
1
Relay
E5CN-R1TU
Voltage (for driving SSR) E5CN-Q1TU
2
Relay
E5CN-R2TU
Voltage (for driving SSR) E5CN-Q2TU
24 VAC/DC
0
Relay
E5CN-RTU
Voltage (for driving SSR) E5CN-QTU
1
Relay
E5CN-R1TU
Voltage (for driving SSR) E5CN-Q1TU
2
Relay
E5CN-R2TU
Voltage (for driving SSR) E5CN-Q2TU
Connectable models
Terminal type
Model
E53-COV10
Model
E54-CT1
E54-CT3
Hole diameter
5.8 dia.
12.0 dia.
Connectable models
Terminal type
Model
Y92F-45
Model
P2CF-11
P2CF-11-E
P3GA-11
Y92A-48G
Type
Front-
connecting
Socket
Front-
connecting
Socket with
Finger
Protection
Back-
connecting
socket
Terminal
Cover for
Finger
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com