Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RML-500 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # E5CN-RML-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RML-500 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E5CN-RML-500 Datasheet HTML 16Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 17Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 18Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 19Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 20Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 21Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 22Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 23Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
Digital Temperature Controllers
E5CN/E5CN-U
Other Functions
Characteristics
Communications Specifications
Heater Burnout/SSR Failure Detection Characteristics
Item
Previous models
Improved models
Display
---
Parameter mask function (provided with setting software)
PV display switch between 2 colors (red/green)
PV display switch between 3 colors (red/orange/green)
---
Display character switch (7-segment/11-segment)
Input
Temperature input shift (1-point shift for temperature input,
2-point shift for no-contact sensor input)
Temperature input shift (2-point shift also possible for temperature
input)
Output
---
Manual outputs
---
MV at stop
---
MV at PV error
---
Loop break alarm
Control
Control period: 1 to 99 s
Control period: 0.5 or 1 to 99 s
---
Robust tuning
Alarm
---
Alarm delays
---
Alarm SP selection (selection of alarm operation of SP indicator)
Other
---
Simple programming function
---
Password to move to protect level
---
Setting software port
Item
Previous models
Improved models
Sampling period
500 ms
250 ms
Item
Previous models
Improved models
Communications
protocols
CompoWay/F (SYSWAY)
CompoWay/F (SYSWAY), Modbus
Baud rate
1200, 2400, 4800, 9600, 19200 bps
1200, 2400, 4800, 9600, 19200, 38400 bps
Item
Previous models
Improved models
Maximum heater
current
Option Units
Single-phase 50 A VAC
Option Units
Single-phase 50 A AC
---
Option Units (two CT inputs)
Three-phase 50 A AC
SSR failure detection
---
SSR failure detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com